Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2021 Datasheet(PDF) 16 Page - Mitel Networks Corporation

Part # GP2021
Description  GPS 12 channel Correlator Advance Information
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

GP2021 Datasheet(HTML) 16 Page - Mitel Networks Corporation

Back Button GP2021 Datasheet HTML 12Page - Mitel Networks Corporation GP2021 Datasheet HTML 13Page - Mitel Networks Corporation GP2021 Datasheet HTML 14Page - Mitel Networks Corporation GP2021 Datasheet HTML 15Page - Mitel Networks Corporation GP2021 Datasheet HTML 16Page - Mitel Networks Corporation GP2021 Datasheet HTML 17Page - Mitel Networks Corporation GP2021 Datasheet HTML 18Page - Mitel Networks Corporation GP2021 Datasheet HTML 19Page - Mitel Networks Corporation GP2021 Datasheet HTML 20Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 62 page
background image
16
GP2021
WREN
READ
NCS
A<9:2>
D<15:0>
Read
Read
Read
Write
Delayed Write
Delayed Read
NOTE: OP and IP are with respect to the GP2021. OP denotes a GP2021 Output, IP denotes a processor output.
OP
OP
IP
OP
OP
IP
300ns (314ns)
300ns (314ns)
Fig.13 Correlator Bus Timing - Write to Write and Write to Read Timings
ARM60
GP2021
Memory
NRAM
NROM
NEEPROM
NSPARE_CS
NW<3:0>
NRD
D<15:0>
A<9:2>
A<19:10>
DBE
ARM_ALE
MCLK
NRW
NMREQ
NBW
D<15:0>
A<9:2>
A<22:20>, A<1:0>
NOPC
ABORT
A<19:10>
(NRESET_OP, ACCUM_INT and MEAS_INT not shown)
Fig.14 ARM System Mode
Note that the exact number of wait states which need to be
inserted after a correlator write is not fixed. If the processor
were to perform a correlator write then spend 400ns
accessing a different peripheral, subsequent correlator reads
and writes would incur no additional delay. It is anticipated
that correlator wait states will be generated by either one or
two external counters, preset on the falling edge of a correlator
write, and which then count down to zero. Only once the
counter has reached zero may the next correlator access
either complete (write) or start (read).
A series of correlator reads and writes are shown in Fig.13.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com