Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2021 Datasheet(PDF) 38 Page - Mitel Networks Corporation

Part # GP2021
Description  GPS 12 channel Correlator Advance Information
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

GP2021 Datasheet(HTML) 38 Page - Mitel Networks Corporation

Back Button GP2021 Datasheet HTML 34Page - Mitel Networks Corporation GP2021 Datasheet HTML 35Page - Mitel Networks Corporation GP2021 Datasheet HTML 36Page - Mitel Networks Corporation GP2021 Datasheet HTML 37Page - Mitel Networks Corporation GP2021 Datasheet HTML 38Page - Mitel Networks Corporation GP2021 Datasheet HTML 39Page - Mitel Networks Corporation GP2021 Datasheet HTML 40Page - Mitel Networks Corporation GP2021 Datasheet HTML 41Page - Mitel Networks Corporation GP2021 Datasheet HTML 42Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 62 page
background image
38
GP2021
PERIPHERAL FUNCTIONS REGISTERS
The addresses for the Peripheral Functions Registers
are shown in the GP2021 Register Map.
These registers may be either 8 or 16 bits wide. Registers
which are byte wide are accessed via the top 8 bits of the data
bus, D<15:8>. During a byte wide read D<7:0> are held Low.
Each of the registers for the Real Time Clock, Dual UART,
System and General Control functions are described below.
Real Time Clock and Watchdog
The registers in the Real Time Clock are all byte wide.
RTC_LS,
RTC_2ND,
RTC_MS ,
(Read Addresses)
The clock time is output in these three eight bit read only
registers. All three registers are latched when a read is
performed of the LS Byte Register, so this should be read first.
In Power Down Mode the clock continues to run but access to
these registers is not possible.
CLOCK RESET
(Write Address)
A write to this address resets the clock divider and
counter, regardless of the data word written.
WATCHDOG RESET
(Write Address)
A write to this address resets the watchdog timer,
regardless of the data word written.
DUART
All the registers within the DUART are byte wide.
CONFIG_A,
CONFIG_B
(Write Address)
These registers allow the UARTs to be configured for
receive baud rate, parity and loopback. The configuration bit
functions are shown in Table 15. The missing binary
combinations of bit settings should not be used as the results
would be indeterminate.
Note that all bits are set Low by a UART A/B or a System reset,
thus causing UART A/B to default to a receive baud rate of
300, no parity and no loopback.
STATUS_A,
STATUS_B
(Read Address)
Reading from these register addresses will give the
current value of the channels status bits. The Status bit
functions are as shown in Table 16.
Bit
SET (High) by
CLEARER (Low) by RESET to
8
RX Valid Data
No RX Data
Low
Available
9
RX FIFO Full
RX FIFO Not Full
Low
10
RX FIFO
Read of UART Status
Low
Overflow
Register
11
TX
TX Register Empty
Low
Transmitting
12
TX FIFO Full
TX FIFO Not Full
Low
13
Parity Error
Read of UART Status
Low
Occured
Register
Low
14
Framing Error
Read of Uart Status
Low
15
Not Used
(Held High)
Table 16: Status bits available when reading the
STATUS_A and STATUS_B registers.
Table 15: Configuration of UARTs through CONFIG_A
and CONFIG_B registers.
Bit Setting
Function
Bit
11
10
9
8
Receiver Baud Rate
0
0
0
0
300
0
0
0
1
600
0
0
1
0
1200
0
0
1
1
2400
0
1
0
0
4800
0
1
0
1
9600
0
1
1
0
19.2k
0
1
1
1
38.4k
1
0
0
0
76.8k
Bit
13
12
Parity
0
0
No parity–bit not set or
checked for
1
1
Odd parity–parity added
so that the toatl number
of '1's in the word is even
1
0
Even parity–parity added
so that the total number
of '1's in the word is even
Bit
14
Loopback
0
No loopback–normal
operation
1
Loopback–the Tx output
drives the Rx input and
Tx pin is held HIGH
Bit
15
Test mode
0
Test mode bit in Ch A
only used for chip testing
only. This bit must be set
Low for Normal operation
1
Test mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com