Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2021 Datasheet(PDF) 13 Page - Mitel Networks Corporation

Part # GP2021
Description  GPS 12 channel Correlator Advance Information
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

GP2021 Datasheet(HTML) 13 Page - Mitel Networks Corporation

Back Button GP2021 Datasheet HTML 9Page - Mitel Networks Corporation GP2021 Datasheet HTML 10Page - Mitel Networks Corporation GP2021 Datasheet HTML 11Page - Mitel Networks Corporation GP2021 Datasheet HTML 12Page - Mitel Networks Corporation GP2021 Datasheet HTML 13Page - Mitel Networks Corporation GP2021 Datasheet HTML 14Page - Mitel Networks Corporation GP2021 Datasheet HTML 15Page - Mitel Networks Corporation GP2021 Datasheet HTML 16Page - Mitel Networks Corporation GP2021 Datasheet HTML 17Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 62 page
background image
13
GP2021
Pin Name
Logic Level
NW<3:0> / NC
Low
NRD / NC
Low
NRAM
Low
(standard interface mode)
NRAM
NB RAM
(ARM system mode)
NROM / NC
High Impedance
NSPARE_CS/NC
High Impedance
NEEPROM / NC
High Impedance
TXA,TXB
Low
ACCUM_INT
High Impedance
Pin Name
Logic Level
MEAS_INT
High Impedance
A
BORT / MICRO_CLK
Low
MCLK / NC
Low
ARM_ALE / NC
Low
DBE / NC
Low
NRESET_OP
Low
DISCOP
High Impedance
SAMPCLK
Low
XOUT
Active
Table 4 : Output Logic Levels in Power Down Mode
Hardware Reset Generation
The manner in which a hardware reset occurs depends on
whether the GP2021 is in ARM System mode or Standard
Interface mode. During a hardware reset, the NRESET_OP
pin is taken Low and the reset signal is applied within the
GP2021 to all blocks except the Real Time Clock.
There are 3 sources of hardware resets common to both
ARM System and Standard Interface modes, with an
additional
source
in
Standard
Interface
mode:
POWER_GOOD: A hardware reset will occur if this pin is
taken Low, as shown in Fig. 9. The purpose of this input is to
detect a power failure. If the NBRAM pin is held Low in ARM
System mode, the internal Power Down mode is not entered
until about 6ns after the falling edge of MICRO_CLK,
otherwise it is entered immediately. This allows for RAM write
cycles to complete sensibly when Battery Backed–Up RAM is
used,
with
no
corruption
of
RAM
data.
Watchdog: An expiry of the watchdog will result in a
hardware reset as shown in Fig. 10. This reset will clear the
watchdog whose time–out period is 2–3 seconds.
PLL_LOCK: The PLL_LOCK pin is used to indicate (when
High),that the phase locked loop in the RF front end, which
generates the master clock, is in lock. This signal is filtered
within the GP2021 and the reset state associated with it is only
de–activated if the PLL_LOCK input has been high for
approximately 50 ms as shown in Fig. 11.
NRESET_IP: In addition to the 3 reset sources described
above, an active Low NRESET_IP pin is available in Standard
Interface mode if the system resets are to be generated
externally. Fig. 12 shows a NRESET_IP generated reset.
Note that the NRESET_OP pin will go High 4 MICRO_CLK
cycles after all hardware reset sources have cleared. This
fulfills the reset requirements of the ARM60 microprocessor.
For information on the state of the registers following a
hardware reset refer to the Detailed Description of Registers
section.
System Error Status Register
This allows the software to determine whether the source
of a hardware reset was from a power failure, a PLL_LOCK
failure, watchdog timeout or from an external reset in Standard
Interface mode. For further information refer to the Detailed
Description of Registers section.
MICRO_CLK/
NRESET_OP
POWER_GOOD
4 CYCLES
MCLK
Power Down Mode
Fig. 9 : POWER_GOOD Hardware Reset Generation (NARMSYS = ‘0’, NBRAM =‘0’)
MICRO_CLK/
NRESET_OP
WATCHDOG
122 s
4 CYCLES
MCLK
Fig. 10 : Watchdog Hardware Reset Genera-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com