Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2021 Datasheet(PDF) 4 Page - Mitel Networks Corporation

Part # GP2021
Description  GPS 12 channel Correlator Advance Information
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

GP2021 Datasheet(HTML) 4 Page - Mitel Networks Corporation

  GP2021 Datasheet HTML 1Page - Mitel Networks Corporation GP2021 Datasheet HTML 2Page - Mitel Networks Corporation GP2021 Datasheet HTML 3Page - Mitel Networks Corporation GP2021 Datasheet HTML 4Page - Mitel Networks Corporation GP2021 Datasheet HTML 5Page - Mitel Networks Corporation GP2021 Datasheet HTML 6Page - Mitel Networks Corporation GP2021 Datasheet HTML 7Page - Mitel Networks Corporation GP2021 Datasheet HTML 8Page - Mitel Networks Corporation GP2021 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 62 page
background image
4
GP2021
TYPICAL GPS RECEIVER
Fig. 2 shows a typical GPS receiver employing a GP2010
RF front–end, a GP2021 correlator and an ARM60 32 bit RISC
microprocessor.
A single front end may be used, since all GPS satellites use
the same L1 frequency of 1575.42 MHz. However, in order to
achieve better sky coverage, it is sometimes desirable to use
more than one antenna. In this case, separate front ends will
be needed.
The RF section, GP2010, performs down conversion of
the L1 signal for digital baseband processing. The resultant
signal is then correlated in the GP2021 with an internally
generated replica of the satellite code to be received.
Individual codes for each channel may be selected
independently to enable acquisition and tracking of up to 12
different satellites simultaneously
The results of the correlations form the accumulated data
and are transferred to the microprocessor to give the
broadcast satellite data (the ’Navigation Message’) and to
control the software signal tracking loops.
The GP2021 can be interfaced to one of two styles of front
end. In Real_Input mode, the front end supplies either a 1
(sign) or 2 (sign and magnitude) bit signal to either the
SIGN0/MAG0 or SIGN1/MAG1 inputs of the GP2021.
Alteratively, in Real_Input mode, 2 separate front ends can be
connected to a single GP2021 and selected under software
control. The GP2015 and GP2010 are Real_Input mode front
ends.
In Complex_Input mode, the front end is required to supply
In–phase (I) and Quadrature (Q) signals to the SIGN0/MAG0
and SIGN1/MAG1 inputs respectively. Hence, only a single
front end can be used with each GP2021 in Complex_Input
mode.
GP2010
SIGN
MAG
SAMPCLK
CLK_T
CLK_I
PLL_LOCK
10MHz
TCXO
TX/RX
SERIAL COMMS PORT
ACCUM_INT,MEAS_INT
12
CHANNEL
CORRELATOR
WREN
READ
MICRO_CLK
PERIPHERAL
FUNCTIONS
MEMORY
CONTROL
MEMORY
CONTROL
DATA
ADDR
ARM60
GP2021
L1 ANTENNA
Fig. 2 Block diagram of typical ARM based receiver
PIN DESCRIPTION
All V SS and V DD pins must be connected in order to ensure reliable operation. Any unused inputs must be tied High or Low.
The Table below describes the pin functions in Real_Input mode and assumes a master clock input frequency of 40MHz.
Those pins whose functions differ in Complex_Input mode are described at the end of the table.
Note that those pin names containing a ‘/’ have dual functionality between ARM System and Standard Interface modes. The
Pin mnemonic for ARM System mode always precedes the ‘/’.
Pin No
Signal Name
Type
Description ARM System Mode
Description Standard Interface
Mode
15, 35,
V SS
-
Ground Pin
56, 69,
72
14, 34,
V DD
+
Power supply to device.
55, 67,
74
1
MULTI_FN_IO
I/O
Multi–function input / output. Its function is configured by the IO_CONFIG register.
After a GP2021 reset it acts as the Digital System Test Enable input. It can also
be configured as a discrete output, or a discrete input if certain conditions are met.
Can be configured as the TRIGGER
input to the DEBUG block in ARM
System mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com