Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2021 Datasheet(PDF) 11 Page - Mitel Networks Corporation

Part # GP2021
Description  GPS 12 channel Correlator Advance Information
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

GP2021 Datasheet(HTML) 11 Page - Mitel Networks Corporation

Back Button GP2021 Datasheet HTML 7Page - Mitel Networks Corporation GP2021 Datasheet HTML 8Page - Mitel Networks Corporation GP2021 Datasheet HTML 9Page - Mitel Networks Corporation GP2021 Datasheet HTML 10Page - Mitel Networks Corporation GP2021 Datasheet HTML 11Page - Mitel Networks Corporation GP2021 Datasheet HTML 12Page - Mitel Networks Corporation GP2021 Datasheet HTML 13Page - Mitel Networks Corporation GP2021 Datasheet HTML 14Page - Mitel Networks Corporation GP2021 Datasheet HTML 15Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 62 page
background image
11
GP2021
Epoch Counter
The Epoch Counters keep track of the number of code
periods over a 1 second interval. This is represented by a 5 bit
word for the number of 1 ms integration periods (0 to 19), plus
a 6 bit word containing the number of 20 ms counts (0 to 49).
The Epoch Counters can be pre–loaded to synchronise them
to the data stream coming from the satellite. This value will be
transferred immediately to the counter when in Update mode,
or after the next TIC if in PRESET Mode.
The Epoch Counter values are latched on each TIC into the
CHx_EPOCH register. In addition the instantaneous values
are available from the CHx_EPOCH_CHECK register.
PERIPHERAL FUNCTIONS
The following section describes the Dual UART, Real
Time Clock and Watchdog, Power and Reset Control and
Discrete I/O blocks.
Dual UART
A Dual UART is included for serial communications. It has
2 identical blocks, UART_A and UART_B, each containing
separate transmit and receive channels. The parity and
separate transmit and receive baud rate can be configured
independently for each UART. Each uses a polled processor
interface and each transmit and receive channel has an 8 byte
deep FIFO.
For further information on the UART registers refer to the
Detailed Description of Registers and the GP2021 Register
Map.
A typical serial data stream is shown in Fig. 6. The Parity
bit is optional and if no parity is selected the time slot for it is
removed from the data stream and the Stop bit follows
immediately after the last data bit in both transmit and receive
directions. Note that the LSB is always preceded by a Start bit.
Table
3
shows
possible
UART
configurations.
Last
Start
D8
D9
D10
D11
D12
D13
D14
D15
P
Stop
First
LSB
MSB
Parity
(optional)
Fig. 6 Serial Data waveform
Parameter
Value
Start bits
1 bit Low
Data bits
8 bits
Logic 0 = Low
Logic 1 = High
Stop bits
1 bit High
Parity
Odd/Even/None
Flow control
None
Transmit FIFO depth
8 bytes
Receive FIFO depth
8 bytes
FIFO speed
Transmit FIFO write rate and Receive FIFO read rate maximum is one byte per 230ns.
The maximum buffer through delay is 2
µ s.
Data rate
300, 600,1.2k, 2.4k, 4.8k, 9.6k, 19.2k, 38.4k and 76.8k baud. Transmit and Receive
rates individu-ally configured.
Table 3 UART Functionality
Receiver
The incoming data streams on RXA, RXB are sampled by
a clock at nominally 20 times the data rate, to search for an
incoming Start bit. Once the receiver is synchronised to the
data stream, each data bit is sampled only at its nominal centre
to avoid errors due to slow or noisy bit edges. The receiver will
resynchronise to each Start bit to prevent the accumulation of
phase errors.
Only valid data (having correct Start, Stop and Parity bits)
will be stored in the receiver FIFO. If a received word contains
a parity or framing (Start/Stop bit) error, the appropriate flag bit
will be set in the status register. If too many valid data words
are received for the FIFO to hold, the excess will not be written
into the FIFO, and an Overflow bit will be set in the status
register. When receiving a continuous transmission, the Start
bit of one word will follow immediately after the Stop bit of the
preceding word. At lower word rates, a High is expected
between words. The receiver will accept data with a baud rate
error of up to
±1%.
Transmitter
Data is transmitted on pins TXA and TXB. In continuous
transmission, the Start bit of one word will follow immediately
after the Stop bit of the preceding word. At lower word rates,
a High is sent between words.
If too many data words are written by the microprocessor
to the UART for the transmitter FIFO to hold, the excess will not
be stored. The UART will resume normal operation as soon as
space becomes available. To avoid data loss, the software
should limit the transmit data rate by either: keeping track of
the number of bytes sent and the time to transmit them, or
should read the Status register and stop writing when the Full
bit is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com