Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2021 Datasheet(PDF) 25 Page - Mitel Networks Corporation

Part # GP2021
Description  GPS 12 channel Correlator Advance Information
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

GP2021 Datasheet(HTML) 25 Page - Mitel Networks Corporation

Back Button GP2021 Datasheet HTML 21Page - Mitel Networks Corporation GP2021 Datasheet HTML 22Page - Mitel Networks Corporation GP2021 Datasheet HTML 23Page - Mitel Networks Corporation GP2021 Datasheet HTML 24Page - Mitel Networks Corporation GP2021 Datasheet HTML 25Page - Mitel Networks Corporation GP2021 Datasheet HTML 26Page - Mitel Networks Corporation GP2021 Datasheet HTML 27Page - Mitel Networks Corporation GP2021 Datasheet HTML 28Page - Mitel Networks Corporation GP2021 Datasheet HTML 29Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 62 page
background image
25
GP2021
DETAILED DESCRIPTION OF REGISTERS
GP2021 Register Map
The register map of the GP2021 is shown below. The
addresses are complete, and it should be noted that all the
register addresses are word–aligned, i.e. A0 and A1 are not
used. Adjacent register addresses thus increment by 4, in
ARM System Mode. However, in Standard Interface Mode,
the GP2021 address lines A<9:2> could be connected to the
processor address lines A<7:0>. Note that in this mode pins
A0 and A1 are allocated other functions.
ADDRESS (Hex)
ADDRESS (Hex)
REGISTERS
REGISTER
ARM SYSTEM MODE
STANDARD
BLOCK
INTERFACE MODE
A<22:20>
A,9:0>
A<9:2>
CORRELATOR
CNTL
2
000 to 01C
00 to 07
CHo Control
CNTL
2
020 to 03C
08 to OF
CH1 Control
CNTL
2
040 to 05C
10 to 17
CH2 Control
CNTL
2
060 to 07C
18 to 1F
CH3 Control
CNTL
2
080 to 09C
20 to 27
CH4 Control
CNTL
2
0A0 to 0BC
28 to 2F
CH5 Control
CNTL
2
0C0 to 0DC
30 to 37
CH6 Control
CNTL
2
0E0 to 0FC
38 to 3F
CH7 Control
CNTL
2
100 to 11C
40 to 47
CH8 Control
CNTL
2
120 to 13C
48 to 4F
CH9 Control
CNTL
2
140 to 15C
50 to 57
CH10 Control
CNTL
2
160 to 05C
58 to 5F
CH11 Control
CNTL
2
180 to 19C
60 to 67
MULTI Control
2
1A4
69
X_DCO_INCR_HIGH
2
1AC
6B
PROG_ACCUM_INT
2
1B4
6D
PROG_TIC_HIGH
2
1BC
6F
PROG_TIC_LOW
CNTL
2
1C0 to 1DC
70 to 77
ALL Control
2
1EC
7B
TIMEMARK_CONTROL
2
1FO
7C
TEST_CONTROL
2
1F4
7D
MULTI_CHANNEL_SELECT
2
1F8
7E
SYSTEM_SETUP
2
1FC
7F
RESET_CONTROL
2
200 to 20C
80 to 83
Status Registers
ACCUM
2
210 to 21C
84 to 83
CHO Accumulate
ACCUM
2
220 to 22C
88 to 8B
CH1 Accumulate
ACCUM
2
230 to 23C
8C to 8F
CH2 Accumulate
ACCUM
2
240 to 24C
90 to 93
CH3 Accumulate
ACCUM
2
260 to 26C
98 to 9B
CH5 Accumulate
ACCUM
2
270 to 27C
9C to 9F
CH6 Accumulate
ACCUM
2
280 to 28C
A0 to A3
CH7 Accumulate
ACCUM
2
290 to 29C
A4 to A7
CH8 Accumulate
ACCUM
2
2A0 to 2AC
A8 to AB
CH9 Accumulate
ACCUM
2
2B0 to 2BC
AC to AF
CH10 Accumulate
ACCUM
2
2C0 to 2BC
B0 to B3
CH11 Accumulate
ACCUM
2
2D0 to 2DC
B4 to B7
MULTI Accumulate
ACCUM
2
2E0 to 2EC
B8 to BB
ALL Accumulate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com