Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2021 Datasheet(PDF) 29 Page - Mitel Networks Corporation

Part # GP2021
Description  GPS 12 channel Correlator Advance Information
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

GP2021 Datasheet(HTML) 29 Page - Mitel Networks Corporation

Back Button GP2021 Datasheet HTML 25Page - Mitel Networks Corporation GP2021 Datasheet HTML 26Page - Mitel Networks Corporation GP2021 Datasheet HTML 27Page - Mitel Networks Corporation GP2021 Datasheet HTML 28Page - Mitel Networks Corporation GP2021 Datasheet HTML 29Page - Mitel Networks Corporation GP2021 Datasheet HTML 30Page - Mitel Networks Corporation GP2021 Datasheet HTML 31Page - Mitel Networks Corporation GP2021 Datasheet HTML 32Page - Mitel Networks Corporation GP2021 Datasheet HTML 33Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 62 page
background image
29
GP2021
CHx_ACCUM_RESET
(Write Address)
Bits 15 to 0: Not used.
These are write–only locations provided to allow
resetting of the status bits ACCUM_STATUS_A,
ACCUM_STATUS_B, and ACCUM_STATUS_C associated
with a given channel or all channels. When these locations are
written to, the data is irrelevant.
CHx_CARRIER_CYCLE_COUNTER,
MULTI_CARRIER_CYCLE_COUNTER,
ALL _CARRIER_CYCLE_COUNTER
(Write Address)
A write to these registers only has effect when in test
mode (bit 3 of TEST_CONTROL set High). The value on the
bus
is
loaded
into
the
lower
16
bits
of
the
CHx_CARRIER_CYCLE_COUNTER along with zeros into
the upper 4 bits.
CHx_CARRIER_CYCLE_HIGH,
CHx_CARRIER_CYCLE_LOW
(Read Address)
_HIGH bits 15 to 4 : not used – LOW when read.
_HIGH bits 3 to 0: Carrier Cycle Count bits 19 to 16.
_LOW bits 15 to 0: Carrier Cycle Count bits 15 to 0.
The Correlator tracking channel hardware allows for
measurement of integrated carrier phase through the
CHx_CARRIER_CYCLE_HIGH and _LOW and the
CHx_CARRIER_DCO_PHASE registers, which are part of
the Measurement Data sampled at every TIC. The
CHx_CARRIER_CYCLE_HIGH and _LOW registers contain
the 20 bit number of positive going zero crossings of the
Carrier DCO (4 bits are in _HIGH and 16 in _LOW). The cycle
fraction can be read from the CHx_Carrier_DCO_Phase
register.
In the CHx_CARRIER_CYCLE counter, a TIC
generates two consecutive actions. First it latches the 4 more
significant
bits
of
the
cycle
counter
into
CHx_CARRIER_CYCLE_HIGH and the 16 less significant
bits into CHx_CARRIER_CYCLE_LOW. Then it resets the
cycle counter.
After each TIC, every time the Carrier DCO accumulator
generates an overflow as a result of a carrier cycle being
completed, the cycle counter increments by one.
In Real_Input mode the nominal CARRIER DCO
frequency with no Doppler and no oscillator drift
compensation is 1·405396825 MHz, so in 100 ms, there will
be about 140540 cycles.
In almost all applications the number of Carrier DCO
cycles does not vary much from one TIC interval to another so
it is possible to predict the Most Significant Bits of the value,
and then only read the CHx_CARRIER_CYCLE_LOW
register.
CHx_CARRIER_CYCLE_HIGH and _LOW contents are
not protected by an overwrite protection mechanism and so
must be read before the next TIC.
For further information on the Carrier Cycle Counter refer to
Detailed Operation of GP2021.*
* Refer to page 9.
CHx_CARRIER_DCO_INCR_HIGH,
X_DCO_INCR_HIGH,
MULTI_CARRIER_DCO_INCR_HIGH,
ALL_CARRIER_DCO_INCR_HIGH,
CHx_CARRIER_DCO_INCR_LOW,
MULTI_CARRIER_DCO_INCR_LOW,
ALL_CARRIER_DCO_INCR_LOW
(Write Address)
_INCR_HIGH bits 15 to 10: Not used in this operation.
_INCR_HIGH bits 9 to 0 : More significant bits (25 to 16) of the
Carrier DCO phase increment when used before a write to
_CARRIER_DCO_INCR_LOW.
_INCR_LOW bits 15 to 0 : Less significant bits (15 to 0) of the
Carrier DCO phase increment.
The
contents
of
registers
_INCR_HIGH
and_INCR_LOW are combined to form the 26 bits of the
CHx_CARRIER_DCO_INCR register, the carrier DCO phase
increment number. In order to write successfully, the top 10
bits must be written first, to any of the _HIGH addresses. They
will be stored in a buffer and only be transferred into the
increment register of the DCO together with the _LOW word.
A 26 bit increment number is adequate for a 27 bit accumulator
DCO, as the increment to the MSB is always zero.
The LSB of the INCR register represents a step given by:
Min Step Frequency
= (40MHz/7)/2 27
(in Real_Input mode)
= 42.57475mHz
Min Step Frequency
= (35MHz/6)/2 27
(in Complex_Input mode)
= 43.46172mHz
The output Frequency
= CHx_CARRIER_DCO_INCR
* Min Step Frequency.
With a GP2015/GP2010 style front end, the nominal
value of the IF is 1.405396826 MHz before allowing for
Doppler shift or crystal error. Writing 01F7B1B9H into the
CHx_CARRIER_DCO_INCR register will generate a local
oscillator frequency of 1.405396845 MHz.
CHx_CARRIER_DCO_PHASE
(Read Address)
Bits 15 to 10: Not used – Low when read.
Bits 9 to 0: More significant bits (26 to 17) of
CHx_CARRIER_DCO_PHASE as sampled at the last TIC.
The weight of the least significant bit is 2
π / 1024 radians of
a Carrier DCO cycle. These bits form an unsigned integer valid
from 0 to 1023. CHx_CARRIER_DCO_PHASE provides
ACCUM_STATUS_C bits are sampled and latched on
the active edge of every ACCUM_INT signal, or they can be
sampled and latched on request by performing a write
operation to STATUS (as with ACCUM_STATUS_A).
CHx_EARLY_LATEB status bit indicates the code type
for the Accumulated Data on the Tracking arm of channel CHx
when that channel is in Dithering mode. A High indicates an
EARLY code and a Low indicates a LATE code. Each
individual bit is determined on the DUMP that sets
CHx_NEW_ACCUM_DATA to High for that channel. In other
modes the bit is of no use.
Note that the channel specific bits of this register will not
show their new value until after an active edge of ACCUM_INT
or a write to the STATUS register. Disabling a channel will
however, clear the bit immediately.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com