Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3435 Datasheet(PDF) 65 Page - ams AG

Part # AS3435
Description  Integrated Active Noise Cancelling Solution with Bypass Feature
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3435 Datasheet(HTML) 65 Page - ams AG

Back Button AS3435 Datasheet HTML 61Page - ams AG AS3435 Datasheet HTML 62Page - ams AG AS3435 Datasheet HTML 63Page - ams AG AS3435 Datasheet HTML 64Page - ams AG AS3435 Datasheet HTML 65Page - ams AG AS3435 Datasheet HTML 66Page - ams AG AS3435 Datasheet HTML 67Page - ams AG AS3435 Datasheet HTML 68Page - ams AG AS3435 Datasheet HTML 69Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 102 page
background image
ams Datasheet, Confidential: 2014-Jun-13 [v1-30]
AS3415/AS3435 – 65
Reg i st er D e scription
Figure 84:
Register Table Overview
Addr
Name
b7
b6
b5
b4
b3
b2
b1
b0
System Registers
20h
SYSTEM
DESIGN_VERSION<3:0> 1110
EVAL_REG_ON
PWR_HOLD
21h
PWR_SET
LOW_BAT
PWRUP
COMPLETE
HPH_ON
MIC_ON
LIN_ON
MICS_CP_ON
MICS_ON
2h-2F
h
reserved
OTP Registers
10h
ANC_L2
TEST_BIT_1
MICL_VOL_OTP2<5:0>
Gain from MICL to QMICL or Mixer = 0dB...+31dB; MUTE and 63 steps of 0.5dB
11h
ANC_R2
ALT2_ENABLE
MICR_VOL_OTP2<5:0>
Gain from MICR to QMICL or Mixer = 0dB...+31dB; MUTE and 63 steps of 0.5dB
12h
ANC_L3
TEST_BIT_2
MICL_VOL_OTP3<5:0>
Gain from MICL to QMICL or Mixer = 0dB...+31dB; MUTE and 63 steps of 0.5dB
13h
ANC_R3
ALT3_ENABLE
MICR_VOL_OTP3<5:0>
Gain from MICR to QMICL or Mixer = 0dB...+31dB; MUTE and 63 steps of 0.5dB
14h
ANC_MODE
HPH_MUX<1:0>
0: MIC; 1: OP1;
2: OP2; 3: -
LIN_MUTE
MIX_ENABLE
OP2L_ON
OP2R_ON
OP1L_ON
OP1R_ON
15h
MON_MODE
MON_HPH_MUX<1:0>
0: MIC; 1: OP1;
2: OP2; 3: -
MON_LIN_M
UTE
MON_MIX_EN
ABLE
MON_LINE_ATT<1:0>
0: 0dB 1: -24dB
2: -30dB 3: -36dB
SLIDER_MON
DISABLE_MONI
TOR
Register Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com