Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3435 Datasheet(PDF) 51 Page - ams AG

Part # AS3435
Description  Integrated Active Noise Cancelling Solution with Bypass Feature
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3435 Datasheet(HTML) 51 Page - ams AG

Back Button AS3435 Datasheet HTML 47Page - ams AG AS3435 Datasheet HTML 48Page - ams AG AS3435 Datasheet HTML 49Page - ams AG AS3435 Datasheet HTML 50Page - ams AG AS3435 Datasheet HTML 51Page - ams AG AS3435 Datasheet HTML 52Page - ams AG AS3435 Datasheet HTML 53Page - ams AG AS3435 Datasheet HTML 54Page - ams AG AS3435 Datasheet HTML 55Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 102 page
background image
ams Datasheet, Confidential: 2014-Jun-13 [v1-30]
AS3415/AS3435 – 51
Detaile d Desc rip t ion
Independent of the OTP programming, it is possible to
overwrite the OTP register temporarily if the chip is controlled
by a microcontroller via I²C. The chip configuration can be
stored in the flash memory of the Bluetooth- or wireless chipset
and can be loaded to the ANC chipset during startup of the
device via the I²C interface. Because the OTP fuses upload their
contents into the OTP register at power-up, the new OTP
settings from the microcontroller will overwrite the default
settings from the fuses. All I²C OTP registers settings can be
changed as many times as desired, but will be lost at power off.
The OTP memory can be accessed in the following ways:
• LOAD Operation: The LOAD operation reads the OTP
fuses and loads the contents into the OTP register. A LOAD
operation is automatically executed after each
power-on-reset.
• WRITE Operation: The WRITE operation allows a
temporary modification of the OTP register. It does not
program the OTP. This operation can be invoked multiple
times and will remain set while the chip is supplied with
power and while the OTP register is not modified with
another WRITE or LOAD operation.
• READ Operation: The READ operation reads the contents
of the OTP register, for example to verify a WRITE
command or to read the OTP memory after a LOAD
command.
• STORE Operation: The STORE operation programs the
contents of the OTP register permanently into the OTP
fuses. Don’t use old or nearly empty batteries for
programming the fuses.
OTP Registers & Fuses:
The OTP registers are volatile memory
cells which lose the content once the
device is switched off. Multiple read and
write commands are possible but in order
to store chip settings during power off
mode, the OTP fuses have to be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com