Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3435 Datasheet(PDF) 41 Page - ams AG

Part # AS3435
Description  Integrated Active Noise Cancelling Solution with Bypass Feature
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3435 Datasheet(HTML) 41 Page - ams AG

Back Button AS3435 Datasheet HTML 37Page - ams AG AS3435 Datasheet HTML 38Page - ams AG AS3435 Datasheet HTML 39Page - ams AG AS3435 Datasheet HTML 40Page - ams AG AS3435 Datasheet HTML 41Page - ams AG AS3435 Datasheet HTML 42Page - ams AG AS3435 Datasheet HTML 43Page - ams AG AS3435 Datasheet HTML 44Page - ams AG AS3435 Datasheet HTML 45Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 102 page
background image
ams Datasheet, Confidential: 2014-Jun-13 [v1-30]
AS3415/AS3435 – 41
Detaile d Desc rip t ion
System
The system block handles the power up and power down
sequencing as well as the mode switching.
Power Up/Down Conditions
The chip powers up when one of the following conditions is
true:
Figure 49:
Power Up Conditions
Power Up Conditions: This table shows the available power up conditions of the AS3415/35.
The chip automatically shuts off if one of the following
conditions arises:
Figure 50:
Power Down Conditions
Power Down Conditions: This table shows the available power down conditions of the AS3415/35.
#
Source
Description
1
MODE pin
In stand-alone mode, MODE pin has to be driven high for >2ms to turn on the device
2
I²C start
In I²C mode, an I²C start condition turns on the device
#
Source
Description
1MODE pin
Slider Mode: Mode pin has to be driven low for 10ms to turn off
Push Button Mode: Mode pin has to be driven high for >2.4sec to turn off
2
Serial Interface
Power down by serial interface by clearing the PWR_HOLD bit. (Please mind that the
I2C_MODE bit has to be set before clearing the PWR_HOLD bit for security reasons)
3Low Battery
Power down if VBAT is lower than the supervisor off-threshold
4
VNEG CP OVC
Power down if VNEG is higher than the VNEG off-threshold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com