Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3435 Datasheet(PDF) 16 Page - ams AG

Part # AS3435
Description  Integrated Active Noise Cancelling Solution with Bypass Feature
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3435 Datasheet(HTML) 16 Page - ams AG

Back Button AS3435 Datasheet HTML 12Page - ams AG AS3435 Datasheet HTML 13Page - ams AG AS3435 Datasheet HTML 14Page - ams AG AS3435 Datasheet HTML 15Page - ams AG AS3435 Datasheet HTML 16Page - ams AG AS3435 Datasheet HTML 17Page - ams AG AS3435 Datasheet HTML 18Page - ams AG AS3435 Datasheet HTML 19Page - ams AG AS3435 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 102 page
background image
AS3415/AS3435 – 16
ams Datasheet, Confidential: 2014-Jun-13 [v1-30]
De tail ed De sc rip t ion
The Spice simulation for the calculated resistor and capacitor
values is shown in Figure 13. The simulation shows exactly at
400Hz an attenuation of 1dB.
Figure 13:
Frequency Response Bass Boost
Frequency Response Bass Boost: The
diagram shows the Spice simulation
result of the bass boost calculation
example done in this chapter with
C1=6.2nF, R1=10k, R2=20kΩ and
R3=20kΩ.
C
1
R
2
2
A
B
2
R
1
2
⋅
–
A
B
2
R
1
2
R
2
R
3
+
()
2
2
π f
B
⋅⋅
()
2
R
2
2
R
3
2
2
π f
B
⋅⋅
()
2
⋅⋅
–
⋅⋅
⋅
-------------------------------------------------------------------------------------------------------------------------------------------
=
C
1
20000
2
10
5
20
------
10000
2
⋅
–
10
5
20
------




2
10000
2
20000
20000
+
()
2
2
π 400 20000
2
20000
2
2
π 400
⋅⋅ ⋅ ⋅
–
⋅⋅
⋅ ⋅ ⋅
---------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------
6.3nF
=
=
0
5
10
10
100
1k
10k
f [Hz]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com