Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3435 Datasheet(PDF) 88 Page - ams AG

Part # AS3435
Description  Integrated Active Noise Cancelling Solution with Bypass Feature
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3435 Datasheet(HTML) 88 Page - ams AG

Back Button AS3435 Datasheet HTML 84Page - ams AG AS3435 Datasheet HTML 85Page - ams AG AS3435 Datasheet HTML 86Page - ams AG AS3435 Datasheet HTML 87Page - ams AG AS3435 Datasheet HTML 88Page - ams AG AS3435 Datasheet HTML 89Page - ams AG AS3435 Datasheet HTML 90Page - ams AG AS3435 Datasheet HTML 91Page - ams AG AS3435 Datasheet HTML 92Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 102 page
background image
AS3415/AS3435 – 88
ams Datasheet, Confidential: 2014-Jun-13 [v1-30]
P C B La y o ut Re comme nda t ion
Line Input and Headphone
The line input- and the headphone amplifier are blocks with
higher system currents; therefore it is important to separate
these high input and output currents from the rest of the
system. The example shown in Figure 109 demonstrates how to
do a proper ground layout for boths blocks. To separate the
headphone amplifier from the rest of the system it is
recommended to route a dedicated ground connection from
the headphone amplifier terminal back to the battery ground
terminal of the device. With this separate ground connection
the high output currents of the headphone amplifier do not
influence the sensitive analog ground of the chipset. The same
layout technique is applicable for the line input amplifier. The
line input amplifier also has higher input currents because of
the 150Ω termination resistors (RTERM) connected to the line
input terminal shown in Figure 10. To avoid unwanted ground
currents influencing the sensitive analog system ground of the
AS3415/35, it is recommended to route a dedicated ground
connection from the line input terminal back to the negative
battery terminal of the PCB. The example shows a local ground
plane from the battery, to the line input terminals. Such a plane
should be used for more complicated line input filters. Thus, all
line input related components like RTERM, CHP, R1 and R2 as well
as other additional filter components should be connected to
this ground plane. The ground plane must be connected to the
battery terminal, at a single point, for best grounding effect.
Another important connection is the bypass connection from
line input terminal to the BPL and BPR pins of the AS3415/35.
This connection is active if the chip is in off mode or if the device
has run out of battery. It is important to use wide signal lines
for these connections. The wider these connections are, the
better it is for the application. The same is true for the ground
connections of the headphone amplifier and the line input
amplifier. A weak signal line can directly influence the channel
separation of the system. A minimum signal width of 1mm is
typically recommended for the left and right audio channels
and 2mm for the audio ground signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com