Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3435 Datasheet(PDF) 63 Page - ams AG

Part # AS3435
Description  Integrated Active Noise Cancelling Solution with Bypass Feature
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3435 Datasheet(HTML) 63 Page - ams AG

Back Button AS3435 Datasheet HTML 59Page - ams AG AS3435 Datasheet HTML 60Page - ams AG AS3435 Datasheet HTML 61Page - ams AG AS3435 Datasheet HTML 62Page - ams AG AS3435 Datasheet HTML 63Page - ams AG AS3435 Datasheet HTML 64Page - ams AG AS3435 Datasheet HTML 65Page - ams AG AS3435 Datasheet HTML 66Page - ams AG AS3435 Datasheet HTML 67Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 102 page
background image
ams Datasheet, Confidential: 2014-Jun-13 [v1-30]
AS3415/AS3435 – 63
Detaile d Desc rip t ion
To keep the access time as short as possible, this format allows
a read access without the word address transfer in advance to
the data transfer. The bus is idle and the master issues a START
condition followed by the Device-Read address. Analogous to
Random Read, a single byte transfer is terminated with a
not-acknowledge after the 1st register byte. Analogous to
Sequential Read an unlimited number of data bytes can be
transferred, where the data bytes have to be responded with an
acknowledge from the master. For termination of the
transmission, the master sends a not-acknowledge following
the last data byte and a subsequent STOP condition.
Parameter
Figure 82:
I²C Serial Timing
VBAT ≥ 1.4V
1 , T
A=25ºC, unless otherwise specified.
Figure 83:
I²C Serial Interface Parameter
1. Serial interface operates down to VBAT = 1.0V but with 100kHz clock speed and degraded parameters.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCSL
CSCL, CSDA Low
Input Level
(Max. 30%VBAT)
0-
0.42
V
VCSH
CSCL, CSDA High
Input Level
CSCL, CSDA (min 70%VBAT)
0.98
-
V
HYST
CSCL, CSDA Input
Hysteresis
200
450
800
mV
VOL
CSDA Low Output
Level
At 3mA
-
-
0.4
V
Tsp
Spike insensitivity
50
100
-
ns
8
1-7
CSCL
CSDA
8
9
8
1-7
8
9
8
1-7
8
9
Start
Condition
Address
R/W
ACK
Data
ACK
Data
ACK
Stop
Condition
TS
TSU
TH
TL
THD
TPD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com