Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3435 Datasheet(PDF) 86 Page - ams AG

Part # AS3435
Description  Integrated Active Noise Cancelling Solution with Bypass Feature
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3435 Datasheet(HTML) 86 Page - ams AG

Back Button AS3435 Datasheet HTML 82Page - ams AG AS3435 Datasheet HTML 83Page - ams AG AS3435 Datasheet HTML 84Page - ams AG AS3435 Datasheet HTML 85Page - ams AG AS3435 Datasheet HTML 86Page - ams AG AS3435 Datasheet HTML 87Page - ams AG AS3435 Datasheet HTML 88Page - ams AG AS3435 Datasheet HTML 89Page - ams AG AS3435 Datasheet HTML 90Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 102 page
background image
AS3415/AS3435 – 86
ams Datasheet, Confidential: 2014-Jun-13 [v1-30]
P C B La y o ut Re comme nda t ion
Charge Pump
The Printed Circuit Board (PCB) layout of the charge pump is
essential for good audio performance. The layout
recommendation shown in Figure 107 shows the most
important components of the charge pump. These are CVBAT,
CFLY, CVNEG and the battery terminal. To guarantee lowest
output noise all three capacitors must be placed as close as
possible to the related pin on the AS3435/15 as shown in
Figure 1 & Figure 107. Additionally, it is recommended that the
ground pins on CVNEG, CVBAT and the AS3435/15 charge pump
pin (GND) have a short connection to each other. This will avoid
distribution of high frequency switching currents over the PCB.
All the ground pins should be connected with a single ground
plane or at least a strong connection directly to the battery
terminal. The layout example shown in Figure 107 makes use of
a ground plane on the top layer that is directly connected to
the negative battery terminal to feature a star shaped ground
concept.
Figure 107:
Charge Pump Layout Recommendation
AS3435 Charge Pump Layout Recommendation: This diagram shows the layout recommendation of the
AS3435 charge pump.
Charge Pump Ground Layout:
It is important to minimize the ground loops between all charge pump components and AGND pin.
A dedicated ground plane with a connection back to the negative battery terminal should be used.
PCB Layout Recommendation
GND
BAT
VNEG
C
FLY
C
~~
~~
AS3435
TOP LAYER
SILK SCREEN TOP LAYER
BOARD OUTLINE
VBAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com