Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3435 Datasheet(PDF) 11 Page - ams AG

Part # AS3435
Description  Integrated Active Noise Cancelling Solution with Bypass Feature
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3435 Datasheet(HTML) 11 Page - ams AG

Back Button AS3435 Datasheet HTML 7Page - ams AG AS3435 Datasheet HTML 8Page - ams AG AS3435 Datasheet HTML 9Page - ams AG AS3435 Datasheet HTML 10Page - ams AG AS3435 Datasheet HTML 11Page - ams AG AS3435 Datasheet HTML 12Page - ams AG AS3435 Datasheet HTML 13Page - ams AG AS3435 Datasheet HTML 14Page - ams AG AS3435 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 102 page
background image
ams Datasheet, Confidential: 2014-Jun-13 [v1-30]
AS3415/AS3435 – 11
Detaile d Desc rip t ion
This section provides a detailed description of the device
related components.
Audio Line Input
The chip features one stereo line input for music playback. Due
to the fact that the line input gain stage operates as an inverting
amplifier, with access to the negative input pin and the output
pin, the gain can be freely configured. In monitor mode the line
inputs can also be muted in order to interrupt the music
playback and increase speech intelligibility.
Besides setting the gain with a resistor network, it is also
possible to do simple EQ functions for sound enhancement. The
EQ function can also be used to compensate for low frequency
bass losses in ANC headset with a feed-back topology. For
feed-forward headsets it can be used for sound enhancement
to compensate for example a lack of bass because of physical
design constraints of a headset.
Line Input Gain Setting
The line input gain can be configured with two external
resistors, R1 and R2, per channel as shown in Figure 8. The gain
can be calculated with the following formula:
...[dB]
The resistors R1 and R2 should be in the range from 1kΩ to
100k
Ω. If the application requires a gain of +6dB the resistor
value can be calculated as follows:
For this example, a resistor value for R1 was defined as 10kΩ
This +6dB calculation yields a value for R2 of 20kΩ.
Detailed Description
A
Line
20
R
2
R
1
------
log
⋅
=
R
2
R
1
10
A
Line
20
------------
⋅
10k
Ω 10
6
20
------
⋅
20k
Ω
==
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com