Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3435 Datasheet(PDF) 9 Page - ams AG

Part # AS3435
Description  Integrated Active Noise Cancelling Solution with Bypass Feature
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3435 Datasheet(HTML) 9 Page - ams AG

Back Button AS3435 Datasheet HTML 5Page - ams AG AS3435 Datasheet HTML 6Page - ams AG AS3435 Datasheet HTML 7Page - ams AG AS3435 Datasheet HTML 8Page - ams AG AS3435 Datasheet HTML 9Page - ams AG AS3435 Datasheet HTML 10Page - ams AG AS3435 Datasheet HTML 11Page - ams AG AS3435 Datasheet HTML 12Page - ams AG AS3435 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 102 page
background image
ams Datasheet, Confidential: 2014-Jun-13 [v1-30]
AS3415/AS3435 – 9
El ec trical Charac t e ristics
All limits are guaranteed. The parameters with min and max
values are guaranteed with production tests or SQC (Statistical
Quality Control) methods.
VBAT = 1.0V to 1.8V, TA = -20ºC to +85ºC. Typical values are at
VBAT = 1.5V, TA = +25ºC, unless otherwise specified.
Figure 7:
Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
TA
Ambient
Temperature Range
-20
+85
°C
Supply Voltages
GND
Reference Ground
0
0
V
VBAT
Battery Supply
Voltage
Normal operation
1.0
1.8
V
Two wire interface operation
1.4
1.8
V
VNEG
Charge Pump
Voltage
-1.8
-0.7
V
VDELTA
Difference of Ground
Supplies
GND, AGND
To achieve good performance, the
negative supply terminals should be
connected to a low impedance ground
plane.
-0.1
0.1
V
Other pins
VMICS
Microphone Supply
Voltage
MICS
0
3.7
V
VANALOG
Analog Pins
MICACL, MICACR,LINR, LINL, MIXL,
MIXR, HPR, HPL, QMICL, QMICR, QLINL,
QLINR, IOPx, QOPx, BPL, BPR
VNEG
VBAT
V
VCONTROL
Control Pins
MODE/CSCL, ANC/CSDA
VNEG
3.7
V
VLED
ILED current source
ILED
VNEG
VBAT
V
VCP
Charge Pump pins
CPN, CPP
VNEG
VBAT
V
VTRIM
Application Trim Pins
TRSCL and TRSDA
VNEG
-0.3
or
-1.8
VBAT
+0.5
or 1.8
V
VMIC
Microphone Inputs
MICL and MICR
VNEG
VBAT
V
Ileak
Leakage current
VBAT<0.8V
20
μA
VBAT<0.6V
10
μA
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com