Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3435 Datasheet(PDF) 14 Page - ams AG

Part # AS3435
Description  Integrated Active Noise Cancelling Solution with Bypass Feature
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3435 Datasheet(HTML) 14 Page - ams AG

Back Button AS3435 Datasheet HTML 10Page - ams AG AS3435 Datasheet HTML 11Page - ams AG AS3435 Datasheet HTML 12Page - ams AG AS3435 Datasheet HTML 13Page - ams AG AS3435 Datasheet HTML 14Page - ams AG AS3435 Datasheet HTML 15Page - ams AG AS3435 Datasheet HTML 16Page - ams AG AS3435 Datasheet HTML 17Page - ams AG AS3435 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 102 page
background image
AS3415/AS3435 – 14
ams Datasheet, Confidential: 2014-Jun-13 [v1-30]
De tail ed De sc rip t ion
Bass Boost EQ Function
Some applications may require low frequency compensation.
This function can either help to compensate low frequency
loses due to an ANC feedback circuit or just to help compensate
for a lack of low frequency presence in a headset. In order to
amplify low frequencies there are three parameters that can be
selected by the design engineer. These are shown in Figure 11
below.
Figure 11:
Bass Boost Definition
Bass Boost Definition: This figure shows the typical shape of a bass boost transfer function with the key
parameters for the definition of it.
The first parameter is the desired gain level at the lower
frequencies. This parameter is called AL and defines the gain
below the defined cut-off frequency. The second parameter is
AH. This defines the gain at the higher frequencies. The boost
frequency, fB, defines the attenuation at which the low
frequency starts to roll off. The design engineer can define the
desired attenuation level at the boost frequency. Depending on
the overall gain distribution of the system the boost frequency
is not the same as the cut off frequency with 3dB attenuation.
The application circuit of the bass boost function is shown in
Figure 12 below.
Complex EQ Filtering:
It is also possible to do even more
complex EQ filtering than is shown in the
example with the integrated EQ amplifier.
For details please contact our local
support team.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com