Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3435 Datasheet(PDF) 78 Page - ams AG

Part # AS3435
Description  Integrated Active Noise Cancelling Solution with Bypass Feature
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3435 Datasheet(HTML) 78 Page - ams AG

Back Button AS3435 Datasheet HTML 74Page - ams AG AS3435 Datasheet HTML 75Page - ams AG AS3435 Datasheet HTML 76Page - ams AG AS3435 Datasheet HTML 77Page - ams AG AS3435 Datasheet HTML 78Page - ams AG AS3435 Datasheet HTML 79Page - ams AG AS3435 Datasheet HTML 80Page - ams AG AS3435 Datasheet HTML 81Page - ams AG AS3435 Datasheet HTML 82Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 102 page
background image
AS3415/AS3435 – 78
ams Datasheet, Confidential: 2014-Jun-13 [v1-30]
Re g i st e r De sc rip t ion
Figure 99:
MODE_1 Register Description
Name
Address
Default Value
MODE_1
0x34
0x00
This register controls miscellaneous settings of the AS3515/35.
Bit
Bit Name
Default
Access
Bit Description
7
MICS_CP_OFF
0
R/W
This bit controls the microphone supply charge pump.
The microphone charge pump has a second function
besides the bias voltage generation for microphones.
It is also used to disable the integrated music bypass
switch if the AS3415/35 is active. In case the integrated
bypass switch is used in an application the
MICS_CP_OFF bit must not be set to ‘1’.
0: Microphone supply charge pump enabled
1: Microphone supply charge pump disabled
6MICS_OFF
0
R/W
This bit controls the microphone supply. In case this
bit is set to ‘1’ the MICS pin is disconnected from the
internal microphone supply.
0: Microphone supply switched on
1: Microphone supply switched off
5
MIC_AGC_ON
0
R/W
This bit disables the automatic gain control of the
microphone preamplifier.
0: AGC disabled
1: AGC enabled
4MIC_OFF
0
R/W
This bit powers down the microphone preamplifier.
0: Microphone preamplifier enabled
1: Microphone preamplifier disabled
3NO_LOWBAT_OFF
0
R/W
This bit disables the automatic power down function
of the device with a low battery condition.
0: Low battery shutdown enabled
1: Low battery shutdown disabled
2CP_OFF
0
R/W
This bit disables the VNEG charge pump in case there is
already a negative supply present in a system.
0: VNEG charge pump enabled
1: VNEG charge pump enabled
1HPH_OFF
0
R/W
This bit allows the user to power down headphone
amplifier in case it is not used in the final application in
order to save system power.
0: Headphone amplifier enabled
1: Headphone amplifier disabled
0LIN_OFF
0
R/W
This bit allows the user to power down the line input
preamplifier in case it is not used in the final
application in order to save system power.
0: Line Input amplifier enabled
1: Line Input amplifier disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com