Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3435 Datasheet(PDF) 54 Page - ams AG

Part # AS3435
Description  Integrated Active Noise Cancelling Solution with Bypass Feature
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3435 Datasheet(HTML) 54 Page - ams AG

Back Button AS3435 Datasheet HTML 50Page - ams AG AS3435 Datasheet HTML 51Page - ams AG AS3435 Datasheet HTML 52Page - ams AG AS3435 Datasheet HTML 53Page - ams AG AS3435 Datasheet HTML 54Page - ams AG AS3435 Datasheet HTML 55Page - ams AG AS3435 Datasheet HTML 56Page - ams AG AS3435 Datasheet HTML 57Page - ams AG AS3435 Datasheet HTML 58Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 102 page
background image
AS3415/AS3435 – 54
ams Datasheet, Confidential: 2014-Jun-13 [v1-30]
De tail ed De sc rip t ion
OTP Fuse Storing
Many wireless applications, like Bluetooth single chips support
programmable solutions, as well as ROM versions. As such, it is
necessary for ROM versions to store microphone gain
compensation data and the general ANC configuration inside
the ANC chip. This is necessary because there is no other way
to configure the ANC chip during startup. In order to guarantee
successful trimming of AS3415/35 it is necessary to provide a
decent environment for the trimming process. Figure 69 shows
a principal block diagram for trimming the AS3415/35 properly
in production using the I²C interface. The most important block
is the external power supply. Usually it is possible to trim the
AS3415/35 with a single supply voltage of min. 1.8V in
laboratory environment, but as soon as it comes to mass
production we highly recommend buffering VNEG supply of the
chip. As highlighted in the block diagram, it is mandatory to get
a voltage difference between VPOS and VNEG of 3.4V (minimum)
to guarantee proper trimming of the device, therefore it is
possible to buffer it externally with a negative power supply.
The VNEG voltage applied to VNEG pin must be lower than the
voltage created with the charge pump. This means if the typical
VNEG output voltage is -1.5V you can easily apply externally
-1.7V. The charge pump switches then automatically into skip
mode.
Figure 69:
Production Environment I²C Interface Trimming
I²C Trimming: This block diagram shows a general overview of the production environment when storing the
register settings to the AS3415/35 using a standard I²C interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com