Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3435 Datasheet(PDF) 96 Page - ams AG

Part # AS3435
Description  Integrated Active Noise Cancelling Solution with Bypass Feature
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3435 Datasheet(HTML) 96 Page - ams AG

Back Button AS3435 Datasheet HTML 92Page - ams AG AS3435 Datasheet HTML 93Page - ams AG AS3435 Datasheet HTML 94Page - ams AG AS3435 Datasheet HTML 95Page - ams AG AS3435 Datasheet HTML 96Page - ams AG AS3435 Datasheet HTML 97Page - ams AG AS3435 Datasheet HTML 98Page - ams AG AS3435 Datasheet HTML 99Page - ams AG AS3435 Datasheet HTML 100Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 102 page
background image
AS3415/AS3435 – 96
ams Datasheet, Confidential: 2014-Jun-13 [v1-30]
Or de ring & C o n t ac t I n f o r m ation
Figure 117:
Ordering Information
Ordering Information: Shows the ordering information of the different packaging versions of the AS3415 and
AS3435.
Buy our products or get free samples online at:
www.ams.com/ICdirect
Technical Support is available at:
www.ams.com/Technical-Support
For further information and requests, e-mail us at:
ams_sales@ams.com
For sales offices, distributors and representatives, please visit:
www.ams.com/contact
Headquarters
ams AG
Tobelbaderstrasse 30
8141 Unterpremstaetten
Austria, Europe
Tel: +43 (0) 3136 500 0
Website: www.ams.com
Ordering Code
Description
Delivery Form
Package
AS3415-EQFP
Enhanced Low Noise Active Noise
Cancelling Speaker Driver
Tape & Reel dry pack
with 4000 pcs per reel
QFN 32 [5.0x5.0x0.9mm]
0.5mm pitch
AS3415-EQFM
Enhanced Low Noise Active Noise
Cancelling Speaker Driver
Tape & Reel dry pack
with 500 pcs per reel
QFN 32 [5.0x5.0x0.9mm]
0.5mm pitch
AS3435-EQFP
Enhanced Low Noise Active Noise
Cancelling Speaker Driver
Tape & Reel dry pack
with 4000 pcs per reel
QFN 36 [5.0x5.0x0.9mm]
0.4mm pitch
AS3435-EQFM
Enhanced Low Noise Active Noise
Cancelling Speaker Driver
Tape & Reel dry pack
with 500 pcs per reel
QFN 36 [5.0x5.0x0.9mm]
0.4mm pitch
Ordering & Contact Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com