Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3435 Datasheet(PDF) 15 Page - ams AG

Part # AS3435
Description  Integrated Active Noise Cancelling Solution with Bypass Feature
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3435 Datasheet(HTML) 15 Page - ams AG

Back Button AS3435 Datasheet HTML 11Page - ams AG AS3435 Datasheet HTML 12Page - ams AG AS3435 Datasheet HTML 13Page - ams AG AS3435 Datasheet HTML 14Page - ams AG AS3435 Datasheet HTML 15Page - ams AG AS3435 Datasheet HTML 16Page - ams AG AS3435 Datasheet HTML 17Page - ams AG AS3435 Datasheet HTML 18Page - ams AG AS3435 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 102 page
background image
ams Datasheet, Confidential: 2014-Jun-13 [v1-30]
AS3415/AS3435 – 15
Detaile d Desc rip t ion
Figure 12:
Bass Boost Circuit
Bass Boost Definition: This figure shows the circuit diagram for the line input bass boost EQ circuit.
The component values for AL can be calculated with the
following formula:
...[dB]
The component values for AH can be calculated with the
following formula:
...[dB]
An example for a typical bass boost is 6dB gain at the low
frequency. If we select for R1 a value of 10kΩ we can calculate
R2 as follows:
In this example, the gain for the higher frequency should be
0dB.This allows us to calculate R3 as follows:
The last component to be calculated for the example is
capacitor C1. This capacitor defines the cut-off frequency of the
bass boost circuit. The desired gain level Acut-off at the cut-off
frequency can be defined by the engineer together with the
frequency. In this example, we select a cut-off frequency of
400Hz and a gain level of 5dB. Thus we get an attenuation of
1dB at a frequency of 400Hz. The necessary capacitor can be
calculated with the following formula:
A
L
R
2
R
1
------
=
A
H
R
2
R
3
⋅
R
1
R
2
R
3
+
()
⋅
----------------------------------
=
R
2
10
A
L
20
------
R
⋅ 1
10
6
20
------
10k
Ω
⋅
20k
Ω
==
=
R
3
A
H
–
R
⋅
1
R
2
⋅
A
H
R
⋅
1
R
2
–
-------------------------------
10
0
20
------
–10k
Ω 20kΩ
⋅⋅
10
0
20
------
10k
Ω
⋅
20k
Ω
–
---------------------------------------------------
20k
Ω
==
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com