Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3435 Datasheet(PDF) 79 Page - ams AG

Part # AS3435
Description  Integrated Active Noise Cancelling Solution with Bypass Feature
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3435 Datasheet(HTML) 79 Page - ams AG

Back Button AS3435 Datasheet HTML 75Page - ams AG AS3435 Datasheet HTML 76Page - ams AG AS3435 Datasheet HTML 77Page - ams AG AS3435 Datasheet HTML 78Page - ams AG AS3435 Datasheet HTML 79Page - ams AG AS3435 Datasheet HTML 80Page - ams AG AS3435 Datasheet HTML 81Page - ams AG AS3435 Datasheet HTML 82Page - ams AG AS3435 Datasheet HTML 83Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 102 page
background image
ams Datasheet, Confidential: 2014-Jun-13 [v1-30]
AS3415/AS3435 – 79
Reg i st er Description
Figure 100:
MODE_2 Register Description
Name
Address
Default Value
MODE_2
0x35
0x00
This register controls miscellaneous settings of the AS3515/35.
Bit
Bit Name
Default
Access
Bit Description
7
TEST_BIT_7
1
R/W
Test register. Please do not write this register.
4
LINL_ON_DIFF
0
R/W
This bit enables the left line input filter OPAMP in
differential operation mode of the headphone
amplifier. The differential headphone mode is enabled
by setting bit HP_MODE in register 0x35. If HP_MODE
bit is not set LINL_ON_DIFF bit has no influence on the
operation mode of the left line input OPAMP.
0: Left line input OPAMP disabled
1: Left line input OPAMP enabled
3
MICS_DC_OFF
0
R/W
This bit disables the internal microphone supply
discharge function if the microphone supply is
switched off.
0: MICS discharge enabled
1: MICS discharge disabled
2
DELAY_HPH_MUX
0
R/W
With this bit it is possible to delay the HPH_MUX setting
during startup of the device to avoid unwanted pop
noise in case of long charging times of external
components.
0: HPH_MUX_OTP delay disabled
1: HPH_MUX_OTP delay enabled
1
HPH_MODE
0
R/W
This register controls the operating mode of the
headphone amplifier. The headphone amplifier
supports single ended mode and differential mode. In
differential output mode the right audio signal path is
the active input signal for the headphone amplifier.
0: Stereo single ended mode
1: Mono differential mode
0
I2C_MODE
0
R/W
This bit enables I²C power down of the AS3415/35.
0: I²C power down disabled
1: I²C power down enabled via PWR_HOLD bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com