Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3435 Datasheet(PDF) 29 Page - ams AG

Part # AS3435
Description  Integrated Active Noise Cancelling Solution with Bypass Feature
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3435 Datasheet(HTML) 29 Page - ams AG

Back Button AS3435 Datasheet HTML 25Page - ams AG AS3435 Datasheet HTML 26Page - ams AG AS3435 Datasheet HTML 27Page - ams AG AS3435 Datasheet HTML 28Page - ams AG AS3435 Datasheet HTML 29Page - ams AG AS3435 Datasheet HTML 30Page - ams AG AS3435 Datasheet HTML 31Page - ams AG AS3435 Datasheet HTML 32Page - ams AG AS3435 Datasheet HTML 33Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 102 page
background image
ams Datasheet, Confidential: 2014-Jun-13 [v1-30]
AS3415/AS3435 – 29
Detaile d Desc rip t ion
Headphone Amplifier
The headphone amplifier is a true ground output using VNEG as
negative supply. It is designed to provide the audio signal with
2x34mW @ 32
Ω. For higher output requirements, the
headphone amplifier is also capable of operating in bridged
mode. In this mode the left output is carrying the inverted
signal of the right output shown in Figure 30. With a VBAT
voltage of 1.8V, a maximum output power of 120mW can be
achieved in this mode. This is especially required for over ear
headsets with hybrid ANC topology or any other headset with
high output power requirements. The amplifier itself features
various input sources. The line input signal is directly connected
to the headphone amplifier. In case the application requires
more complex music filtering the line input connection can be
disabled and the mixer inputs MIXR and MIXL can be used to
feed the music signal to the headphone amplifier. The mixer
inputs have a 6kΩ input resistance which gives a typical gain of
6dB with the internal 12kΩ feedback resistor of the headphone
amplifier. The input multiplexer supports four different input
signals which can be configured according to complexity of the
ANC filter.
Figure 30:
Headphone Amplifier Single Ended
Headphone Amplifier: This figure shows the block diagram of the headphone amplifier including the integrated
music bypass switches as well as the summation input of the amplifier in single ended configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com