Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3435 Datasheet(PDF) 30 Page - ams AG

Part # AS3435
Description  Integrated Active Noise Cancelling Solution with Bypass Feature
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3435 Datasheet(HTML) 30 Page - ams AG

Back Button AS3435 Datasheet HTML 26Page - ams AG AS3435 Datasheet HTML 27Page - ams AG AS3435 Datasheet HTML 28Page - ams AG AS3435 Datasheet HTML 29Page - ams AG AS3435 Datasheet HTML 30Page - ams AG AS3435 Datasheet HTML 31Page - ams AG AS3435 Datasheet HTML 32Page - ams AG AS3435 Datasheet HTML 33Page - ams AG AS3435 Datasheet HTML 34Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 102 page
background image
AS3415/AS3435 – 30
ams Datasheet, Confidential: 2014-Jun-13 [v1-30]
De tail ed De sc rip t ion
Figure 31:
Headphone Amplifier Differential
Headphone Amplifier: This figure shows the block diagram of the headphone amplifier including the integrated
music bypass switches as well as the summation input of the amplifier in differential output mode.
Parameter
VBAT=1.5V, TA= 25ºC, unless otherwise specified.
Figure 32:
Headphone Amplifier Parameter
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
RL_HP
Load Impedance
Stereo mode
16
32
Ω
CL_HP
Load Capacitance
Stereo mode
100
pF
PHP
Nominal Output
Power Stereo Mode
VBAT = 1.8V, 32Ω load
35
mW
VBAT = 1.5V, 32Ω load
24
mW
VBAT = 1.0V, 32Ω load
10
mW
VBAT = 1.8V, 16Ω load
60
mW
VBAT = 1.5V, 16Ω load
40
mW
VBAT = 1.0V, 16Ω load
16
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com