Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3435 Datasheet(PDF) 32 Page - ams AG

Part # AS3435
Description  Integrated Active Noise Cancelling Solution with Bypass Feature
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3435 Datasheet(HTML) 32 Page - ams AG

Back Button AS3435 Datasheet HTML 28Page - ams AG AS3435 Datasheet HTML 29Page - ams AG AS3435 Datasheet HTML 30Page - ams AG AS3435 Datasheet HTML 31Page - ams AG AS3435 Datasheet HTML 32Page - ams AG AS3435 Datasheet HTML 33Page - ams AG AS3435 Datasheet HTML 34Page - ams AG AS3435 Datasheet HTML 35Page - ams AG AS3435 Datasheet HTML 36Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 102 page
background image
AS3415/AS3435 – 32
ams Datasheet, Confidential: 2014-Jun-13 [v1-30]
De tail ed De sc rip t ion
Figure 33:
Headphone THD+N vs. Output Power 32Ω Stereo
Headphone THD+N vs. Output Power: These figures shows the THD+N measurements of the headphone
amplifier with different supply voltages in normal mode and ECO mode. The selected amplifier gain is 0dB with
32Ω load.
Figure 34:
Headphone THD+N vs. Output Power 16Ω Stereo
Headphone THD+N vs. Output Power: These figures shows the THD+N measurements of the headphone
amplifier with different supply voltages in normal mode and ECO mode. The selected amplifier gain is 0dB with
16Ω load.
0,001
0,01
0,1
1
110
100
Pout [mW]
Vbat = 1.8V
Vbat = 1.5V
Vbat = 1.0V
0,001
0,01
0,1
1
110
100
Pout [mW]
Vbat = 1.8 ECO
Vbat = 1.5V ECO
Vbat = 1.0V ECO
0,001
0,01
0,1
1
110
100
Pout [mW]
Vbat = 1.8V
Vbat = 1.5V
Vbat = 1.0V
0,001
0,01
0,1
1
110
100
Pout [mW]
Vbat = 1.8 ECO
Vbat = 1.5V ECO
Vbat = 1.0V ECO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com