Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3435 Datasheet(PDF) 22 Page - ams AG

Part # AS3435
Description  Integrated Active Noise Cancelling Solution with Bypass Feature
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3435 Datasheet(HTML) 22 Page - ams AG

Back Button AS3435 Datasheet HTML 18Page - ams AG AS3435 Datasheet HTML 19Page - ams AG AS3435 Datasheet HTML 20Page - ams AG AS3435 Datasheet HTML 21Page - ams AG AS3435 Datasheet HTML 22Page - ams AG AS3435 Datasheet HTML 23Page - ams AG AS3435 Datasheet HTML 24Page - ams AG AS3435 Datasheet HTML 25Page - ams AG AS3435 Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 102 page
background image
AS3415/AS3435 – 22
ams Datasheet, Confidential: 2014-Jun-13 [v1-30]
De tail ed De sc rip t ion
Figure 21:
Microphone Cut-Off Frequency Overview
Microphone Cut-Off frequency overview: This table shows an overview of the different cut-off frequencies with
CAC=10μF, CMIC= 2.2μF and RMICIN=22kΩ of the microphone preamplifier.
In the cut-off frequency overview, capacitor CAC was defined as
10μF which results in a rather low cut-off frequency for best
ANC filter design. If a different capacitor value is desired in the
application, the following formula defines the transfer function
of the high pass circuit of the microphone preamplifier:
The simplified transfer function does not include the high pass
filter defined by CMIC and RMICIN. With the recommended values
of 2.2μF for CMIC and 22kΩ for RMICIN this filter can be neglected
because of the very low cut-off frequency of 1.5Hz. The cut-off
frequency for this filter can be calculated with the following
formula:
The simulated frequency response for the microphone
preamplifier with the recommended component values is
shown in Figure 22.
Microphone Gain
R1
R2
Fcut-off
0dB
22.2kΩ
0Ω
1.7Hz
3dB
15716Ω
6484Ω
1.9Hz
6dB
11126Ω
11074Ω
2.2Hz
9dB
7877Ω
14323Ω
2.7Hz
12dB
5576Ω
16623Ω
3.5Hz
15dB
3948Ω
18252Ω
4.5Hz
18dB
2795Ω
19405Ω
6.1Hz
21dB
1979Ω
20221Ω
8.4Hz
24dB
1400Ω
20800Ω
11.5Hz
27dB
992Ω
21208Ω
16.3Hz
30dB
702Ω
21498Ω
22.7Hz
Filter Simulations:
It is important when doing the ANC filter
simulations to include all microphone
filter components to incorporate the gain
and phase influence of these
components.
A
4 C
AC
2
f
2
R
1
R
2
+
()
2
π
2
1
+
⋅⋅ ⋅
⋅
4 C
AC
2
f
2
R
1
2
π
2
1
+
⋅⋅ ⋅
⋅
---------------------------------------------------------------------------------
=
f
cut
off
–
1
2
π R
MICIN
C
MIC
⋅⋅
⋅
---------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com