Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3435 Datasheet(PDF) 68 Page - ams AG

Part # AS3435
Description  Integrated Active Noise Cancelling Solution with Bypass Feature
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3435 Datasheet(HTML) 68 Page - ams AG

Back Button AS3435 Datasheet HTML 64Page - ams AG AS3435 Datasheet HTML 65Page - ams AG AS3435 Datasheet HTML 66Page - ams AG AS3435 Datasheet HTML 67Page - ams AG AS3435 Datasheet HTML 68Page - ams AG AS3435 Datasheet HTML 69Page - ams AG AS3435 Datasheet HTML 70Page - ams AG AS3435 Datasheet HTML 71Page - ams AG AS3435 Datasheet HTML 72Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 102 page
background image
AS3415/AS3435 – 68
ams Datasheet, Confidential: 2014-Jun-13 [v1-30]
Re g i st e r De sc rip t ion
Figure 86:
PWR_SET Register Description
Name
Address
Default Value
PWR_READ
0x21
20h
A readout of this register returns the status of each block of the chipset.
Bit
Bit Name
Default
Access
Bit Description
6LOW_BAT
x
R
VBAT supervisor status
0: VBAT is above brown out level
1: VBAT has reached brown out level
5PWRUP_COMPLETE
x
R
Power-Up sequencer status
0: Power-up sequence incomplete
1: Power-up sequence completed
4
HPH_ON
0
R
This register returns the power status of the
headphone amplifier.
0: Headphone amplifier switched off
1: Headphone amplifier switched on
3
MIC_ON
0
R
This register returns the power status of the
microphone preamplifier.
0: Microphone preamplifier switched off
1: Microphone preamplifier switched on
2
LIN_ON
0
R
This register returns the power status of the line
input amplifier.
0: Line input switched off
1: Line input switched on
1
MICS_CP_ON
0
R
This register returns the power status of the
microphone charge pump.
0: Microphone charge pump switched off
1: Microphone charge pump switched on
0MICS_ON
0
R
This register returns the power status of the
microphone supply (MICS).
0: Microphone supply switched off
1: Microphone supply switched on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com