Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3435 Datasheet(PDF) 38 Page - ams AG

Part # AS3435
Description  Integrated Active Noise Cancelling Solution with Bypass Feature
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3435 Datasheet(HTML) 38 Page - ams AG

Back Button AS3435 Datasheet HTML 34Page - ams AG AS3435 Datasheet HTML 35Page - ams AG AS3435 Datasheet HTML 36Page - ams AG AS3435 Datasheet HTML 37Page - ams AG AS3435 Datasheet HTML 38Page - ams AG AS3435 Datasheet HTML 39Page - ams AG AS3435 Datasheet HTML 40Page - ams AG AS3435 Datasheet HTML 41Page - ams AG AS3435 Datasheet HTML 42Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 102 page
background image
AS3415/AS3435 – 38
ams Datasheet, Confidential: 2014-Jun-13 [v1-30]
De tail ed De sc rip t ion
Parameter
VBAT=1.5V, TA= 25ºC, Rinput = RFB = 1kΩ unless otherwise
specified.
Figure 44:
Operational Amplifier Parameter
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VLIN
Input Signal Level
Gain=0dB
0.9*
VBAT
VBAT
VPEAK
SNR
Signal to Noise Ratio
10k
Ω load, Gain = 0dB, VBAT=1.8V,
High Quality Mode
122
dB
10k
Ω load, Gain = 0dB, VBAT=1.5V
High Quality Mode
121
dB
10k
Ω load, Gain = 0dB, VBAT=1.0V
High Quality Mode
117
dB
10k
Ω load, Gain = 0dB, VBAT=1.8V,
ECO Mode
118
dB
10k
Ω load, Gain = 0dB, VBAT=1.5V,
ECO Mode
117
dB
10k
Ω load, Gain = 0dB, VBAT=1.0V,
ECO Mode
113
dB
ILIN
Block Current
Consumption
No load, Gain = 0dB, VBAT=1.8V,
High Quality Mode
660
μA
No load, Gain = 0dB, VBAT=1.5V,
High Quality Mode
660
μA
No load, Gain = 0dB, VBAT=1.0V,
High Quality Mode
530
μA
No load, Gain = 0dB, VBAT=1.8V,
ECO Mode
460
μA
No load, Gain = 0dB, VBAT=1.5V,
ECO Mode
480
μA
No load, Gain = 0dB, VBAT=1.0V,
ECO Mode
360
μA
VNOISE-A
Input Referred Noise
Floor A-Weighted
High Quality Mode
900
nV
ECO Mode
1.9
μV
Voffset
DC offset voltage
Gain = 0dB
2
mV
CL
Load Capacitance
100
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com