Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3435 Datasheet(PDF) 48 Page - ams AG

Part # AS3435
Description  Integrated Active Noise Cancelling Solution with Bypass Feature
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3435 Datasheet(HTML) 48 Page - ams AG

Back Button AS3435 Datasheet HTML 44Page - ams AG AS3435 Datasheet HTML 45Page - ams AG AS3435 Datasheet HTML 46Page - ams AG AS3435 Datasheet HTML 47Page - ams AG AS3435 Datasheet HTML 48Page - ams AG AS3435 Datasheet HTML 49Page - ams AG AS3435 Datasheet HTML 50Page - ams AG AS3435 Datasheet HTML 51Page - ams AG AS3435 Datasheet HTML 52Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 102 page
background image
AS3415/AS3435 – 48
ams Datasheet, Confidential: 2014-Jun-13 [v1-30]
De tail ed De sc rip t ion
LED Status Indication
AS3415 and AS3435 feature On-status information via the
current sink pin ILED with a maximum driving strength of
2.2mA. The current can be controlled in 3 steps and be switched
off by setting the PWM to 0%, 25%, 50% or 100% duty cycle of
a 50kHz signal. If LOW_BAT is active, ILED switches to blinking
at 1Hz, 50% duty cycle and 50% current setting. The LED can be
directly connected to the AS3415/35 without the need of a
current limiting resistor. The typical connection circuit is shown
in Figure 61.
Figure 61:
LED Status Indication Circuit
LED Status: The block diagram shows the connection of an LED which indicated the operation mode of the ANC
chipset.
Figure 62:
Electrical Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
IILED
ILED current sink current
100% duty cycle
2.2
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com