Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3435 Datasheet(PDF) 12 Page - ams AG

Part # AS3435
Description  Integrated Active Noise Cancelling Solution with Bypass Feature
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3435 Datasheet(HTML) 12 Page - ams AG

Back Button AS3435 Datasheet HTML 8Page - ams AG AS3435 Datasheet HTML 9Page - ams AG AS3435 Datasheet HTML 10Page - ams AG AS3435 Datasheet HTML 11Page - ams AG AS3435 Datasheet HTML 12Page - ams AG AS3435 Datasheet HTML 13Page - ams AG AS3435 Datasheet HTML 14Page - ams AG AS3435 Datasheet HTML 15Page - ams AG AS3435 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 102 page
background image
AS3415/AS3435 – 12
ams Datasheet, Confidential: 2014-Jun-13 [v1-30]
De tail ed De sc rip t ion
Figure 8:
Stereo Line Input
Stereo Line Input: Internal structure of the stereo line input preamplifier.
High Pass EQ Function
If there is a high pass function desired in an application, to block
very low frequencies that could harm the speaker, or eliminate
little offset voltages a simple capacitor CHP could do this
function. The implementation is shown in Figure 10. The correct
capacitor value for the desired cut-off frequency can be
calculated with the following formula:
A typical cut-off frequency in an audio application is 20Hz. The
resistor value of R1 in this example is 10kΩ.
The result of the calculation is a capacitor with a value of 796nF.
Because such a capacitor is not available on the market a
capacitor close to the calculated value should be selected. This
would be 750nF or 820nF.
C
HP
1
2
π R
1
f
cut
off
–
⋅⋅
⋅
--------------------------------------------
=
C
HP
1
2
π 10kΩ 20Hz
⋅⋅
⋅
-----------------------------------------------
796nF
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com