Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3435 Datasheet(PDF) 2 Page - ams AG

Part # AS3435
Description  Integrated Active Noise Cancelling Solution with Bypass Feature
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3435 Datasheet(HTML) 2 Page - ams AG

  AS3435 Datasheet HTML 1Page - ams AG AS3435 Datasheet HTML 2Page - ams AG AS3435 Datasheet HTML 3Page - ams AG AS3435 Datasheet HTML 4Page - ams AG AS3435 Datasheet HTML 5Page - ams AG AS3435 Datasheet HTML 6Page - ams AG AS3435 Datasheet HTML 7Page - ams AG AS3435 Datasheet HTML 8Page - ams AG AS3435 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 102 page
background image
AS3415/AS3435 – 2
ams Datasheet, Confidential: 2014-Jun-13 [v1-30]
G e n e ral D e sc rip t ion
Applications
The devices are ideal for:
• Ear pieces
•Headsets
• Hands-Free Kits
• Mobile Phones
• Voice Communicating Devices
Longest play time
10mW @1.5V stereo ANC; <1μA quiescent
Highest audio quality
2x24mW, 0.1% THD+N @ 32
Ω, 1.5V supply
Smallest package
Two different packages available:
• AS3415 QFN32 [5x5mm] 0.5mm pitch
• AS3435 QFN36 [5x5mm] 0.4mm pitch
Low battery indication
LED driver with selectable driving strength
Different control interface options
Push Button-, Slide switch- or I²C control interface
Highly innovative production trimming interface
OTP production trimming via audio interface
Active hearing mode with or without ANC and
optional voice EQ
Monitor mode function
Benefits
Features



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com