Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3435 Datasheet(PDF) 85 Page - ams AG

Part # AS3435
Description  Integrated Active Noise Cancelling Solution with Bypass Feature
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3435 Datasheet(HTML) 85 Page - ams AG

Back Button AS3435 Datasheet HTML 81Page - ams AG AS3435 Datasheet HTML 82Page - ams AG AS3435 Datasheet HTML 83Page - ams AG AS3435 Datasheet HTML 84Page - ams AG AS3435 Datasheet HTML 85Page - ams AG AS3435 Datasheet HTML 86Page - ams AG AS3435 Datasheet HTML 87Page - ams AG AS3435 Datasheet HTML 88Page - ams AG AS3435 Datasheet HTML 89Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 102 page
background image
ams Datasheet, Confidential: 2014-Jun-13 [v1-30]
AS3415/AS3435 – 85
Ap pl ication I n f o rmation
Figure 106:
AS3415 Hybrid Application Example
AS3435 Hybrid Example: This application example shows two AS3435 in hybrid configuration with activated music bypass mode in off mode.
GND
D1
LED
Vpos
Vpos
U2
Power LED
Battery Socket
C3
10uF
GND
Vpos
C2
1uF
C1
10uF
GND
GND
BPR_LEFT
AGND
C10
10uF
AGND
GND
T1
AGND
AGND
Exposed Pad
QLINL
2
LINL
3
TRSDA
4
TRSCL
5
LINR
6
ANC/CSDA
8
QLINR
7
MODE/CSCL
9
IOP2R
19
QOP2R
20
BPL
21
HPL
22
MIXL
23
MIXR
24
BPR
26
VBAT
27
AGND
1
HPR
25
AS3435
U1
AS3435
Vneg
Vneg
3
1
2
L
R
GND
U3
Line Input
AGND
R5
150R
R6
150R
AGND
AGND
C4
470nF
C5 470nF
R2
10k
R1
10k
R3
10k
R4
10k
Feedback Filter
R10
2k2
R11
2k2
AGND
C8
10uF
R9
2k2
AGND
AGND
C9
10uF
R8
2k2
AGND
Speaker Left
Feed Forward MIC
Feedback MIC
AGND
ab
S2
On/Off Switch
R14
10k
Vpos
GND
R13
10k
S4
Monitor Mode
GND
S3
Push Button Control
R12
10k
Vpos
Slide Switch Control
Push Button Control
J1
Control Mode Selection
CAUTION:
Note that only one operation mode is possible. Either
slide switch control or push button control.
It is not possible to operate both modes in parallel.
a
b S1
ANC Control
Vpos
R7
10k
Position a: ANC enabled
Position b: ANC disabled
ANC Control
Music Bypass in OFF mode
Net Tie Grounds
Analog and digital ground should be connected
together close to the negative battery terminal.
LED is on during normal operation. In case of a
low battery condition the LED starts flashing.
GND
C3
10uF
GND
Vpos
C2
1uF
C1
10uF
GND
GND
BPR_RIGHT
C10
10uF
AGND
AGND
Exposed Pad
QLINL
2
LINL
3
TRSDA
4
TRSCL
5
LINR
6
ANC/CSDA
8
QLINR
7
MODE/CSCL
9
IOP2R
19
QOP2R
20
BPL
21
HPL
22
MIXL
23
MIXR
24
BPR
26
VBAT
27
AGND
1
HPR
25
AS3435
U1
AS3435
Vneg
Vneg
Feedforward
Feedback Filter
R10
2k2
R11
2k2
AGND
C8
10uF
R9
2k2
AGND
AGND
C9
10uF
R8
2k2
AGND
Speaker Right
Feed Forward MIC
Feedback MIC
AGND
Filter
Feedforward
Filter
AGND
AGND
BPR_LEFT
AGND
BPR_RIGHT
MIXR_LEFT
MIXR_LEFT
MIXR_RIGHT
MIXR_RIGHT
ANC/CSDA
ANC/CSDA
MODE/CSCL
ANC/CSDA
MODE/CSCL
MODE/CSCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com