Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3435 Datasheet(PDF) 1 Page - ams AG

Part # AS3435
Description  Integrated Active Noise Cancelling Solution with Bypass Feature
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3435 Datasheet(HTML) 1 Page - ams AG

  AS3435 Datasheet HTML 1Page - ams AG AS3435 Datasheet HTML 2Page - ams AG AS3435 Datasheet HTML 3Page - ams AG AS3435 Datasheet HTML 4Page - ams AG AS3435 Datasheet HTML 5Page - ams AG AS3435 Datasheet HTML 6Page - ams AG AS3435 Datasheet HTML 7Page - ams AG AS3435 Datasheet HTML 8Page - ams AG AS3435 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 102 page
background image
ams Datasheet, Confidential: 2014-Jun-13 [v1-30]
AS3415/AS3435 – 1
AS3415/AS3435
Integrated Active Noise Cancelling
Solution with Bypass Feature
The AS3415/35 are speaker drivers with Ambient Noise
Cancelling function for headsets, headphones or ear pieces.
They are intended to improve quality of e.g. music listening, a
phone conversation etc. by reducing background ambient
noise.
The fully analog implementation allows the lowest power
consumption, lowest system BOM cost and most natural
received voice enhancement otherwise difficult to achieve with
DSP implementations. The device is designed to be easily
applied to existing architectures.
An internal OTP-ROM can be optionally used to store the
microphones gain calibration settings. The AS3415/35 can be
used in different configurations for best trade-off of noise
cancellation, required filtering functions and mechanical
designs.
The simpler feed-forward topology is used to effectively reduce
frequencies typically up to 2-3 kHz. The feed-back topology
with either 1 or 2 filtering stages has its strengths especially at
very low frequencies. The typical bandwidth for a feed-back
system is from 20Hz up to 1 kHz which is lower than the
feed-forward systems.
The filter loop for both systems is determined by
measurements, for each specific headset individually, and
depends very much on mechanical designs. The gain and phase
compensation filter network is implemented with cheap
resistors and capacitors for lowest system costs.
Ordering Information and Content Guide appear at end of
datasheet.
Key Benefits & Features
The benefits and features of AS3415/35, Integrated Active Noise
Cancelling Solution with Bypass Feature are listed below:
Figure 1:
Added Value of Using AS3415/35
Benefits
Features
All ANC Topologies
Feed Forward, Feed Back and Hybrid
No mechanical audio bypass switch
Integrated depletion mode transistors
Music EQ functionality
Ultra flexible low power EQ circuit
General Description


Similar Part No. - AS3435

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3430 AMSCO-AS3430 Datasheet
198Kb / 3P
Low Power Ambient Noise-Cancelling Speaker Driver
AS3430 AMSCO-AS3430 Datasheet
1Mb / 51P
Low Power Ambient Noise-Cancelling Speaker Driver
AS3430 AMSCO-AS3430 Datasheet
1Mb / 51P
Low Power Ambient Noise-Cancelling Speaker Driver
AS3430-EK-ST AMSCO-AS3430-EK-ST Datasheet
1Mb / 51P
Low Power Ambient Noise-Cancelling Speaker Driver
More results

Similar Description - AS3435

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ALM-11136 AVAGO-ALM-11136 Datasheet
414Kb / 12P
Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
ALM-11236 AVAGO-ALM-11236 Datasheet
391Kb / 12P
Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
ALM-11336 AVAGO-ALM-11336 Datasheet
398Kb / 12P
Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
ALM-11036 AVAGO-ALM-11036 Datasheet
417Kb / 12P
Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
ALM-11036 AVAGO-ALM-11036_15 Datasheet
417Kb / 12P
Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
logo
Broadcom Corporation.
ALM-11036 BOARDCOM-ALM-11036 Datasheet
417Kb / 12P
Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
ALM-11136 BOARDCOM-ALM-11136 Datasheet
414Kb / 12P
Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
ALM-11236 BOARDCOM-ALM-11236 Datasheet
391Kb / 12P
Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
DEMO-ALM-11X36 BOARDCOM-DEMO-ALM-11X36 Datasheet
417Kb / 12P
Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
logo
Maxim Integrated Produc...
MAX9895A MAXIM-MAX9895A Datasheet
1Mb / 22P
Active Noise-Cancelling Solution for Stereo Headsets
19-4478; Rev 0; 10/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com