Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3300 Datasheet(PDF) 21 Page - Microchip Technology

Part # USB3300
Description  Hi-Speed USB Host, Device or OTG PHY
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3300 Datasheet(HTML) 21 Page - Microchip Technology

Back Button USB3300 Datasheet HTML 17Page - Microchip Technology USB3300 Datasheet HTML 18Page - Microchip Technology USB3300 Datasheet HTML 19Page - Microchip Technology USB3300 Datasheet HTML 20Page - Microchip Technology USB3300 Datasheet HTML 21Page - Microchip Technology USB3300 Datasheet HTML 22Page - Microchip Technology USB3300 Datasheet HTML 23Page - Microchip Technology USB3300 Datasheet HTML 24Page - Microchip Technology USB3300 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
 2014-2015 Microchip Technology Inc.
DS00001783B-page 21
USB3300
6.1.4.5
Function Control: Address = 04-06h (read), 04h (write), 05h (set), 06h (clear)
6.1.4.6
Interface Control: Address = 07-09h (read), 07h (write), 08h (set), 09h (clear)
Field Name
Bit
Default
Description
XcvrSelect[1:0]
1:0
01b
Selects the required transceiver speed.
00b: Enables HS transceiver
01b: Enables FS transceiver
10b: Enables LS transceiver
11b: Enables FS transceiver for LS packets (FS preamble
automatically pre-pended)
TermSelect
2
0b
Controls the DP and DM termination depending on XcvrSelect,
OpMode, DpPulldown, and DmPulldown. The Dp and DM
termination is detailed in Table 6-8, "DP/DM Termination vs.
Signaling Mode".
OpMode
4:3
00b
Selects the required bit encoding style during transmit.
00b: Normal Operation
01b: Non-Driving
10b: Disable bit-stuff and NRZI encoding
11b: Reserved
Reset
5
0b
Active high transceiver reset. This reset does not reset the ULPI
interface or register set. Automatically clears after reset is
complete.
SuspendM
6
1b
Active low PHY suspend. When cleared the PHY will enter Low
Power Mode as detailed in Section 6.1.9, "Low Power Mode".
Automatically set when exiting Low Power Mode.
Reserved
7
0b
Driven low.
Field Name
Bit
Default
Description
6-pin FsLsSerialMode
0
0b
Changes the ULPI interface to a 6-pin Serial Mode. The PHY will
automatically clear this bit when exiting serial mode.
3-pin FsLsSerialMode
1
0b
Changes the ULPI interface to a 3-pin Serial Mode. The PHY will
automatically clear this bit when exiting serial mode.
Reserved
2
0b
Driven low.
ClockSuspendM
3
0b
Enables Link to turn on 60MHz CLKOUT in serial mode.
0b: Disable clock in serial mode.
1b: Enable clock in serial mode.
AutoResume
4
0b
Only applicable in Host mode. Enables the PHY to automatically
transmit resume signaling. This function is detailed in Section
6.1.7.4, "Host Resume K".
IndicatorComplement
5
0b
Inverts the EXTVBUS signal. This function is detailed in Section
6.5.4, "External Vbus Indicator".
IndicatorPassThru
6
0b
Disables anding the internal VBUS comparator with the EXTVBUS
input when asserted. This function is detailed in Section 6.5.4.
InterfaceProtectDisable
7
0b
Used to disable the integrated STP pull-up resistor used for
interface protection. This function is detailed in Section 6.1.9.3,
"Interface Protection".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com