Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3300 Datasheet(PDF) 10 Page - Microchip Technology

Part # USB3300
Description  Hi-Speed USB Host, Device or OTG PHY
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3300 Datasheet(HTML) 10 Page - Microchip Technology

Back Button USB3300 Datasheet HTML 6Page - Microchip Technology USB3300 Datasheet HTML 7Page - Microchip Technology USB3300 Datasheet HTML 8Page - Microchip Technology USB3300 Datasheet HTML 9Page - Microchip Technology USB3300 Datasheet HTML 10Page - Microchip Technology USB3300 Datasheet HTML 11Page - Microchip Technology USB3300 Datasheet HTML 12Page - Microchip Technology USB3300 Datasheet HTML 13Page - Microchip Technology USB3300 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 53 page
background image
USB3300
DS00001783B-page 10
 2014-2015 Microchip Technology Inc.
31
REG_EN
I/O,
CMOS,
Pull-low
N/A
On-Chip 1.8V regulator enable. Connect to ground to
disable both of the on chip (VDDA1.8 and VDD1.8)
regulators. When regulators are disabled:
• External 1.8V must be supplied to VDDA1.8 and
VDD1.8 pins. When the regulators are disabled,
VDDA1.8 may be connected to VDD1.8 and a
bypass capacitor (0.1uF recommended) should be
connected to each pin.
• The voltage at VDD3.3 must be at least 2.64V (0.8
* 3.3V) before voltage is applied to VDDA1.8 and
VDD1.8.
32
RBIAS
Analog,
CMOS
N/A
External 12KΩ +/- 1% bias resistor to ground.
GND FLAG
Ground
N/A
Ground. The flag must be connected to the ground
plane with a via array under the exposed flag. This is
the main ground for the IC.
TABLE 3-1:
USB3300 PIN DEFINITIONS 32-PIN QFN PACKAGE (CONTINUED)
Pin
Name
Direction,
Type
Active
Level
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com