Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3300 Datasheet(PDF) 24 Page - Microchip Technology

Part # USB3300
Description  Hi-Speed USB Host, Device or OTG PHY
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3300 Datasheet(HTML) 24 Page - Microchip Technology

Back Button USB3300 Datasheet HTML 20Page - Microchip Technology USB3300 Datasheet HTML 21Page - Microchip Technology USB3300 Datasheet HTML 22Page - Microchip Technology USB3300 Datasheet HTML 23Page - Microchip Technology USB3300 Datasheet HTML 24Page - Microchip Technology USB3300 Datasheet HTML 25Page - Microchip Technology USB3300 Datasheet HTML 26Page - Microchip Technology USB3300 Datasheet HTML 27Page - Microchip Technology USB3300 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 53 page
background image
USB3300
DS00001783B-page 24
 2014-2015 Microchip Technology Inc.
6.1.4.12
Debug Register: Address = 15h (read only)
6.1.4.13
Scratch Register: Address = 16-18h (read), 16h (write), 17h (set), 18h (clear)
6.1.4.14
Carkit Register Access
The Carkit registers are reserved for Microchip testing and should not be written to or read by the Link.
6.1.4.15
Extended Register Access
The extended registers are reserved for Microchip testing and should not be written to or read by the Link.
6.1.4.16
Vendor Register Access
The vendor specific registers are reserved for Microchip testing and should not be written to or read by the Link. The
vendor specific registers include the range from 30h to 3Fh.
6.1.5
ULPI REGISTER ACCESS
A command from the Link begins a ULPI transfer from the Link to the USB3300. Anytime the Link wants to write or read
a ULPI register, the Link will need to wait until DIR is low, and then send a Transmit Command Byte (TXD CMD) to the
PHY. The TXD CMD byte informs the PHY of the type of data being sent. The TXD CMD is followed by the a data transfer
to or from the PHY. Table 6-4, "ULPI TXD CMD Byte Encoding" gives the TXD command byte (TXD CMD) encoding for
the USB3300. The upper two bits of the TX CMD instruct the PHY as to what type of packet the Link is transmitting.
Field Name
Bit
Default
Description
Linestate0
0
0b
Contains the current value of Linestate[0].
Linestate1
1
0b
Contains the current value of Linestate[1].
Reserved
7:2
000000b
Driven low.
Field Name
Bit
Default
Description
Scratch
7:0
00h
Empty register byte for testing purposes. Software can read, write,
set, and clear this register and the PHY functionality will not be
affected.
TABLE 6-4:
ULPI TXD CMD BYTE ENCODING
Command Name
CMD Bits[7:6]
CMD Bits[5:0]
Command Description
Idle
00b
000000b
ULPI Idle
Transmit
01b
000000b
USB Transmit Packet with No Packet Identifier (NOPID)
00XXXXb
USB Transmit Packet Identifier (PID) where DATA[3:0]
is equal to the 4-bit PID. P3P2P1P0 where P3 is the
MSB.
Register Write
10b
XXXXXXb
Immediate Register Write Command where
DATA[5:0] = 6-bit register address
Register Read
11b
XXXXXXb
Immediate Register Read Command where
DATA[5:0] = 6-bit register address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com