Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3300 Datasheet(PDF) 25 Page - Microchip Technology

Part # USB3300
Description  Hi-Speed USB Host, Device or OTG PHY
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3300 Datasheet(HTML) 25 Page - Microchip Technology

Back Button USB3300 Datasheet HTML 21Page - Microchip Technology USB3300 Datasheet HTML 22Page - Microchip Technology USB3300 Datasheet HTML 23Page - Microchip Technology USB3300 Datasheet HTML 24Page - Microchip Technology USB3300 Datasheet HTML 25Page - Microchip Technology USB3300 Datasheet HTML 26Page - Microchip Technology USB3300 Datasheet HTML 27Page - Microchip Technology USB3300 Datasheet HTML 28Page - Microchip Technology USB3300 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 53 page
background image
 2014-2015 Microchip Technology Inc.
DS00001783B-page 25
USB3300
6.1.5.1
ULPI Register Write
A ULPI register write operation is given in Figure 6-4. The TXD command with a register write DATA[7:6] = 10b is driven
by the Link at T0. The register address is encoded into DATA[5:0] of the TXD CMD byte.
To write to a register, the Link will wait until DIR is low, and at T0, drive the TXD CMD on the databus. At T2 the PHY
will drive NXT high. On the next rising clock edge, T3, the Link will write the register data. At T4 the PHY will accept the
register data and the Link will drive an Idle on the bus and drive STP high to signal the end of the data packet. Finally,
at T5, the PHY will latch the data into the register and drive NXT low. The Link will pull STP low.
NXT is used to control when the Link drives the register data on the bus. DIR is low throughout this transaction since
the PHY is receiving data from the Link. STP is used to end the transaction and data is registered after the de-assertion
of STP. After the write operation completes, the Link must drive a ULPI Idle (00h) on the data bus or the USB3300 may
decode the bus value as a ULPI command.
FIGURE 6-4:
ULPI REGISTER WRITE
DIR
CLK
DATA[7:0]
STP
NXT
TXD CMD
(reg write)
Idle
Reg Data[n]
Idle
ULPI Register
Reg Data [n-1]
Reg Data [n]
T0
T1
T2
T3
T5
T4
T6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com