Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3300 Datasheet(PDF) 34 Page - Microchip Technology

Part # USB3300
Description  Hi-Speed USB Host, Device or OTG PHY
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3300 Datasheet(HTML) 34 Page - Microchip Technology

Back Button USB3300 Datasheet HTML 30Page - Microchip Technology USB3300 Datasheet HTML 31Page - Microchip Technology USB3300 Datasheet HTML 32Page - Microchip Technology USB3300 Datasheet HTML 33Page - Microchip Technology USB3300 Datasheet HTML 34Page - Microchip Technology USB3300 Datasheet HTML 35Page - Microchip Technology USB3300 Datasheet HTML 36Page - Microchip Technology USB3300 Datasheet HTML 37Page - Microchip Technology USB3300 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 53 page
background image
USB3300
DS00001783B-page 34
 2014-2015 Microchip Technology Inc.
6.2.3
BIAS GENERATOR
This block consists of an internal bandgap reference circuit used for generating the driver current and the biasing of the
analog circuits. This block requires an external 12K
Ω, 1% tolerance, external reference resistor connected from RBIAS
to ground.
6.3
Crystal Oscillator and PLL
The USB3300 uses an internal crystal driver and PLL sub-system to provide a clean 480MHz reference clock that is
used by the PHY during both transmit and receive. The USB3300 requires a clean 24MHz crystal or clock as a frequency
reference. If the 24MHz reference is noisy or off frequency the PHY may not operate correctly.
The USB3300 can use either a crystal or an external clock oscillator for the 24MHz reference. The crystal is connected
to the XI and XO pins as shown in the application diagram, Figure 7-1. If a clock oscillator is used the clock should be
connected to the XI input and the XO pin left floating. When a external clock is used the XI pin is designed to be driven
with a 0 to 3.3 volt signal. When using an external clock the user needs to take care to ensure the external clock source
is clean enough to not corrupt the high speed eye performance.
Once the 480MHz PLL has locked to the correct frequency it will drive the CLKOUT pin with a 60MHz clock. The
USB3300 is guaranteed to start the clock within the time specified in Table 5-2, "Electrical Characteristics: CLKOUT
Start-Up". The USB3300 does not support using an external 60MHz clock input.
Host low Speed
10b
1b
00b1b
1b
0b0b1b1b0b
Host LS Suspend
10b
1b
00b
1b
1b
0b
0b
1b
1b
0b
Host LS Resume
10b
1b
10b1b
1b
0b0b1b1b0b
Host Test J/Test_K
00b
0b
10b1b
1b
0b0b1b1b1b
Peripheral Settings
Peripheral Chirp
00b
1b
10b
0b
0b
1b
0b
0b
0b
0b
Peripheral HS
00b
0b
00b
0b
0b
0b
0b
0b
0b
1b
Peripheral FS
01b
1b
00b
0b
0b
1b
0b
0b
0b
0b
Peripheral HS/FS Suspend
01b
1b
00b
0b
0b
1b
0b
0b
0b
0b
Peripheral HS/FS Resume
01b
1b
10b
0b
0b
1b
0b
0b
0b
0b
Peripheral LS
10b
1b
00b
0b
0b
0b
1b
0b
0b
0b
Peripheral LS Suspend
10b
1b
00b
0b
0b
0b
1b
0b
0b
0b
Peripheral LS Resume
10b
1b
10b
0b
0b
0b
1b
0b
0b
0b
Peripheral Test J/Test K
00b
0b
10b
0b
0b
0b
0b
0b
0b
1b
OTG device, Peripheral Chirp
00b
1b
10b
0b
1b
1b
0b
0b
1b
0b
OTG device, Peripheral HS
00b
0b
00b
0b
1b
0b
0b
0b
1b
1b
OTG device, Peripheral FS
01b
1b
00b
0b
1b
1b
0b
0b
1b
0b
OTG device, Peripheral HS/FS Suspend
01b
1b
00b
0b
1b
1b
0b
0b
1b
0b
OTG device, Peripheral HS/FS Resume
01b
1b
10b
0b
1b
1b
0b
0b
1b
0b
OTG device, Peripheral Test J/Test K
00b
0b
10b
0b
1b
0b
0b
0b
1b
1b
Note:
This is the same as Table 40, Section 4.4 of the ULPI 1.1 specification.
TABLE 6-8:
DP/DM TERMINATION VS. SIGNALING MODE (CONTINUED)
Signaling Mode
Register Settings
Resistor Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com