Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3300 Datasheet(PDF) 14 Page - Microchip Technology

Part # USB3300
Description  Hi-Speed USB Host, Device or OTG PHY
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3300 Datasheet(HTML) 14 Page - Microchip Technology

Back Button USB3300 Datasheet HTML 10Page - Microchip Technology USB3300 Datasheet HTML 11Page - Microchip Technology USB3300 Datasheet HTML 12Page - Microchip Technology USB3300 Datasheet HTML 13Page - Microchip Technology USB3300 Datasheet HTML 14Page - Microchip Technology USB3300 Datasheet HTML 15Page - Microchip Technology USB3300 Datasheet HTML 16Page - Microchip Technology USB3300 Datasheet HTML 17Page - Microchip Technology USB3300 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 53 page
background image
USB3300
DS00001783B-page 14
 2014-2015 Microchip Technology Inc.
Leakage Current
OFF-State Leakage Current
ILZ
±10
uA
Port Capacitance
Transceiver Input Capacitance CIN
Pin to GND
5
10
pF
Note:
VDD3.3 = 3.0 to 3.6V; VSS = 0V; TA = -40C to +85C; unless otherwise specified.
TABLE 5-5:
DYNAMIC CHARACTERISTICS: ANALOG I/O PINS (DP/DM)
Parameter
Symbol
Condition
MIN
TYP
MAX
Units
FS Output Driver Timing
Rise Time
TFSR
CL = 50pF; 10 to 90% of
|VOH - VOL|
420
ns
Fall Time
TFFF
CL = 50pF; 10 to 90% of
|VOH - VOL|
420
ns
Output Signal Crossover
Voltage
VCRS
Excluding the first transition
from IDLE state
1.3
2.0
V
Differential Rise/Fall Time
Matching
FRFM
Excluding the first transition
from IDLE state
90
111.1
%
HS Output Driver Timing
Differential Rise Time
THSR
500
ps
Differential Fall Time
THSF
500
ps
Driver Waveform
Requirements
Eye pattern of Template 1
in USB 2.0 specification
Hi-Speed Mode Timing
Receiver Waveform
Requirements
Eye pattern of Template 4
in USB 2.0 specification
Data Source Jitter and
Receiver Jitter Tolerance
Eye pattern of Template 4
in USB 2.0 specification
Note:
VDD3.3 = 3.0 to 3.6V; VSS = 0V; TA = -40C to +85C; unless otherwise specified.
TABLE 5-6:
OTG ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Condition
MIN
TYP
MAX
Units
SessEnd trip point
VSessEnd
0.2
0.5
0.8
V
SessVld trip point
VSessVld
0.8
1.4
2.0
V
VBUSVld trip point
VVbusVld
4.4
4.58
4.75
V
Vbus Pull-Up
RVbusPu
Vbus to VDD3.3
(ChargeVbus = 1)
281
340
Ù
Vbus Pull-down
RVbusPd
Vbus to GND
(DisChargeVbus = 1)
656
850
Ù
Vbus Impedance
RVbus
Vbus to GND
40
75
100
kΩ
ID pull-up resistance
RIdPullUp
IdPullup
= 1
80
100
120
kΩ
ID pull-up resistance
RId
IdPullup
= 0
1
MΩ
STP pull-up resistance
RSTP
InterfaceProtectDisable
= 0
240
330
600
kΩ
Note:
VDD3.3 = 3.0 to 3.6V; VSS = 0V; TA = -40C to +85C; unless otherwise specified.
TABLE 5-4:
DC ELECTRICAL CHARACTERISTICS: ANALOG I/O PINS (DP/DM) (CONTINUED)
Parameter
Symbol
Condition
MIN
TYP
MAX
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com