Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3300 Datasheet(PDF) 32 Page - Microchip Technology

Part # USB3300
Description  Hi-Speed USB Host, Device or OTG PHY
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3300 Datasheet(HTML) 32 Page - Microchip Technology

Back Button USB3300 Datasheet HTML 28Page - Microchip Technology USB3300 Datasheet HTML 29Page - Microchip Technology USB3300 Datasheet HTML 30Page - Microchip Technology USB3300 Datasheet HTML 31Page - Microchip Technology USB3300 Datasheet HTML 32Page - Microchip Technology USB3300 Datasheet HTML 33Page - Microchip Technology USB3300 Datasheet HTML 34Page - Microchip Technology USB3300 Datasheet HTML 35Page - Microchip Technology USB3300 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 53 page
background image
USB3300
DS00001783B-page 32
 2014-2015 Microchip Technology Inc.
A Link design which drives STP high during POR can disable the pull-up resistor on STP by setting InterfaceProtect-
Disable
bit to 1. A motivation for this is to reduce the suspend current. In Low Power Mode, STP is held low, which would
draw current through the pull-up resistor on STP.
Warm Reset
Designers should also consider the case of a warm restart of a Link with a PHY in Low Power Mode. Once the PHY
enters Low Power Mode, DIR is asserted and the clock is stopped. The USB3300 looks for STP to be asserted to re-
start the clock and then resume normal synchronous operation.
Should the USB3300 be suspended in Low Power Mode, and the Link receives a hardware reset, provision is made to
allow the PHY to recover from Low Power Mode and start its clock. If the Link asserts STP on reset, the PHY will exit
Low Power Mode and start its clock.
If the Link does not assert STP on reset the interface protection pull-up can be used. When the Link is reset, its STP
output will tri-state and the pull-up resistor will pull STP high, signaling the PHY to restart its clock.
6.1.9.4
Minimizing Current in Low Power Mode
In order to minimize the suspend current in Low Power Mode, the OTG comparators can be disabled to reduce suspend
current. During suspend, the VbusVld and SessEnd comparators are not needed and can be disabled using the USB
Interrupt Enable Rise and USB Interrupt Enable Fall registers. By disabling the interrupt in BOTH the rise and fall reg-
isters, the SessEnd and VbusVld comparators are turned off. When exiting suspend, the Link should immediately re-
enable the comparators if host or OTG functionality is needed.
In addition to disabling the OTG comparators in suspend, the Link may choose to disable the Interface Protect Circuit.
By setting the Interface Control, bit 7, InterfaceProtectDisable high, the Link can disable the pull-up resistor on STP.
6.1.10
FULL SPEED/LOW SPEED SERIAL MODES
The USB3300 includes two serial modes to support legacy Links which use either the 3pin or 6pin serial format. To enter
either serial mode, the Link will need to write a 1 to the 6-pin FsLsSerialMode or the 3-pin FsLsSerialMode bit in the
Interface control register. The 6-pin Serial Mode is provided for legacy link designs and is not recommended for new
designs.
The serial modes are entered in the same manner as the entry into Low Power Mode. The Link writes the Interface
Control register bit for the specific serial mode. The USB3300 will assert DIR and shut off the clock after at least five
clock cycles. Then the data bus goes to the format of the serial mode selected.
By default, the PHY will shut off the 60MHz clock to conserve power. Should the Link need the 60Mhz clock to continue
during the serial mode of operation, the ClockSuspendM bit[3] of the Interface Control Register should be set before
entering a serial mode. If set, the 60 Mhz clock will be present during serial modes.
In serial mode, interrupts are possible from unmasked sources. The state of each interrupt source is sampled prior to
the assertion of DIR and this is compared against the asynchronous level from interrupt source.
Exiting the serial modes is the same as exiting Low Power Mode. The Link must assert STP to signal the PHY to exit
serial mode. Then the PHY can accept a command, DIR is de-asserted and the PHY will wait until the Link de-asserts
STP to resume synchronous ULPI operation.
6.1.10.1
3pin FS/LS Serial Mode
Three pin serial mode utilizes the data bus pins for the serial functions shown in Table 6-7, "Pin Definitions in 3-pin Serial
Mode".
TABLE 6-7:
PIN DEFINITIONS IN 3-PIN SERIAL MODE
Signal
Connected To
Direction
Description
tx_enable
DATA[0]
IN
Active High transmit enable
data
DATA[1]
I/O
Tx differential data on DP/DM when tx_enable is high
RX differential data from DP/DM when tx_enable is low
se0
DATA[2]
I/O
Tx SE0 on DP/DM when tx_enable is high
RX SE0 from DP/DM when tx_enable is low
interrupt
DATA[3]
OUT
Asserted when any unmasked interrupt occurs. Active high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com