Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3300 Datasheet(PDF) 12 Page - Microchip Technology

Part # USB3300
Description  Hi-Speed USB Host, Device or OTG PHY
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3300 Datasheet(HTML) 12 Page - Microchip Technology

Back Button USB3300 Datasheet HTML 8Page - Microchip Technology USB3300 Datasheet HTML 9Page - Microchip Technology USB3300 Datasheet HTML 10Page - Microchip Technology USB3300 Datasheet HTML 11Page - Microchip Technology USB3300 Datasheet HTML 12Page - Microchip Technology USB3300 Datasheet HTML 13Page - Microchip Technology USB3300 Datasheet HTML 14Page - Microchip Technology USB3300 Datasheet HTML 15Page - Microchip Technology USB3300 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 53 page
background image
USB3300
DS00001783B-page 12
 2014-2015 Microchip Technology Inc.
5.0
ELECTRICAL CHARACTERISTICS
TABLE 5-1:
ELECTRICAL CHARACTERISTICS: SUPPLY PINS
Parameter
Symbol
Condition
MIN
TYP
MAX
Units
Unconfigured Current
IAVG(UCFG)
Device Unconfigured
Same as Idle
mA
FS Idle 3.3V Current
IAVG(FS33)
FS idle not data transfer
18.8
21.9
mA
FS Idle 1.8V Current
IAVG(FS18)
FS idle not data transfer
36.4
43.2
mA
FS Transmit 3.3V Current
IAVG(FSTX33)
FS current during data transmit
36.0
41.6
mA
FS Transmit 1.8V Current
IAVG(FSTX18)
FS current during data transmit
36.8
43.2
mA
FS Receive 3.3V Current
IAVG(FSRX33)
FS current during data receive
22.5
27.0
mA
FS Receive 1.8V Current
IAVG(FSRX18)
FS current during data receive
36.7
43.4
mA
HS Idle 3.3V Current
IAVG(HS33)
HS idle not data transfer
22.1
25.4
mA
HS Idle 1.8V Current
IAVG(HS18)
HS idle not data transfer
38.7
45.6
mA
HS Transmit 3.3V Current
IAVG(HSTX33)
HS current during data
transmit
25.4
29.0
mA
HS Transmit 1.8V Current
IAVG(HSTX18)
HS current during data
transmit
39.1
46.2
mA
HS Receive 3.3V Current
IAVG(HSRX33)
HS current during data receive
23.0
26.6
mA
HS Receive 1.8V Current
IAVG(HSRX18)
HS current during data receive
39.6
46.8
mA
Low Power Mode 3.3V Current
IDD(LPM33)
VBUS 15kΩ pull-down and
1.5kΩ pull-up resistor currents
not included.
59.4
uA
Low Power Mode 1.8V Current
IDD(LPM18)
VBUS 15kΩ pull-down and
1.5kΩ pull-up resistor currents
not included.
25.5
uA
Note:
•VDD3.3 = 3.0 to 3.6V; VSS = 0V; TA = -40C to +85C; unless otherwise specified.
• SessEnd and VbusVld comparators disabled. Interface protection disabled.
• Maximum current numbers are worst case over supply voltage, temperature and process.
TABLE 5-2:
ELECTRICAL CHARACTERISTICS: CLKOUT START-UP
Parameter
Symbol
Condition
MIN
TYP
MAX
Units
Suspend Recovery Time
TSTART
2.25
3.5
ms
Note:
The USB330 uses the AutoResume feature, Section 6.3, for host start-up of less than 1ms.
TABLE 5-3:
DC ELECTRICAL CHARACTERISTICS: LOGIC PINS
Parameter
Symbol
Condition
MIN
TYP
MAX
Units
Low-Level Input Voltage
VIL
VSS
0.8
V
High-Level Input Voltage
VIH
2.0
VDD3.3
V
Low-Level Output Voltage
VOL
IOL = 8mA
0.4
V
High-Level Output Voltage
VOH
IOH = -8mA
VDD3.3 -
0.4
V
Input Leakage Current
ILI
±10
uA
Pin Capacitance
Cpin
4
pF
Note:
VDD3.3 = 3.0 to 3.6V; VSS = 0V; TA = -40C to +85C; unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com