Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3300 Datasheet(PDF) 49 Page - Microchip Technology

Part # USB3300
Description  Hi-Speed USB Host, Device or OTG PHY
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3300 Datasheet(HTML) 49 Page - Microchip Technology

Back Button USB3300 Datasheet HTML 45Page - Microchip Technology USB3300 Datasheet HTML 46Page - Microchip Technology USB3300 Datasheet HTML 47Page - Microchip Technology USB3300 Datasheet HTML 48Page - Microchip Technology USB3300 Datasheet HTML 49Page - Microchip Technology USB3300 Datasheet HTML 50Page - Microchip Technology USB3300 Datasheet HTML 51Page - Microchip Technology USB3300 Datasheet HTML 52Page - Microchip Technology USB3300 Datasheet HTML 53Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 49 / 53 page
background image
 2014-2015 Microchip Technology Inc.
DS00001783B-page 49
USB3300
Rev. 1.05
(05-26-06)
Table 4-1
Added ESD and Latch-up entries
Section 7.4, "ESD
Performance"
Added Section 7.4
Cover - Features: ESD
protection levels of ±8kV
HBM without external
protection devices
Removed mention of wrapper available. (Also
removed from Section 1 and 6.1.1) Added bullets on
ESD and latch-up.
USB Interrupt Status
Register: Address = 13h (read
only with auto clear) on page
23
Corrected title of section
Rev 1.04
(02-28-06)
Table 6-5, "ULPI RX CMD
Encoding"
Corrected CMD encoding for DATA[5:4]
USB Interrupt Status
Register: Address = 13h (read
only with auto clear)
Corrected to read “Status Register” instead of “Latch
Register”
USB3300 Pin Definitions 32-
Pin QFN Package
Changed pin 31 from VCCA1.8 to REG_EN.
Changed pin description to describe REG_EN
operation
Table 8.1, "32 Terminal QFN
Package Parameters"
Updated package dimensions per package data
sheet located in specifications database
Figure 3.1, "USB3300 Pin
Diagram"
Changed pin 31 in figure 3.1 to be named
“REG_EN”.
Table 5-1, "Electrical
Characteristics: Supply Pins"
Added max current information
Rev. 1.03
(05-11-05)
Table 3-1, "USB3300 Pin
Definitions 32-Pin QFN
Package"
Modified description for pin 29 (wording changed
from “digital” to “analog”)
Table 6-2, "ULPI Interface
Timing"
Add min value to Output delay
Cover - Title
Added OTG to Title
Changed to OTG version of USB logo.
TABLE A-1:
REVISION HISTORY (CONTINUED)
Revision
Section/Figure/Entry
Correction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com