Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3300 Datasheet(PDF) 39 Page - Microchip Technology

Part # USB3300
Description  Hi-Speed USB Host, Device or OTG PHY
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3300 Datasheet(HTML) 39 Page - Microchip Technology

Back Button USB3300 Datasheet HTML 35Page - Microchip Technology USB3300 Datasheet HTML 36Page - Microchip Technology USB3300 Datasheet HTML 37Page - Microchip Technology USB3300 Datasheet HTML 38Page - Microchip Technology USB3300 Datasheet HTML 39Page - Microchip Technology USB3300 Datasheet HTML 40Page - Microchip Technology USB3300 Datasheet HTML 41Page - Microchip Technology USB3300 Datasheet HTML 42Page - Microchip Technology USB3300 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
 2014-2015 Microchip Technology Inc.
DS00001783B-page 39
USB3300
7.0
APPLICATION NOTES
The USB3300 requires few external components as shown in the application diagrams. In some applications, the power
supplied on the VBUS and GND pins of the USB connector is used as the source of system power. The USB2.0 standard
restricts the voltage at the VBUS pin to a maximum value of 5.25V. In some applications, it may be required to provide
protection to the USB3300 VBUS pin if the VBUS voltage exceeds the USB2.0 specifications.
One method of protecting the VBUS pin from excessive voltage (transients) is to place a resistor (RVBUS) in series as
shown in Figure 7-1, "USB3300 Application Diagram (Peripheral)" and Figure 7-2, "USB3300 Application Diagram
(Host or OTG)". The resistor provides protection against transients that exceed the value of VVBUS provided in Table 4-
2, "Recommended Operating Conditions". When RVBUS is installed, the transient must not be allowed to exceed the
value of VVBUS for longer than 500 μs.
To protect the VBUS pin against a steady state voltage on the USB connector that exceeds the value of VVBUS provided
in Table 4-2, an Over Voltage Protection (OVP) component can be used as shown in Figure 7-3, "USB3300 Application
Diagram (Peripheral with Over Voltage Protection)".
In addition to the capacitors shown in the application diagrams, each VDD pin should have an additional capacitor to
ground, of value 0.01 or 0.1
μF (not shown for clarity). Approximately equal numbers of each value should be used.
TABLE 7-1:
COMPONENT VALUES IN APPLICATION DIAGRAMS
Reference
Designator
Value
Description
Notes
COUT
4.7
μF
Bypass capacitors to ground (<1
Ω ESR)
for regulator stability.
Place as close as possible to the
PHY.
CVBUS
See Table 7-2,
"Capacitance
Values at VBUS of
USB Connector"
Capacitor to ground required by the
USB Specification. Microchip
recommends <1
Ω ESR.
Place near the USB connector.
CBYP
System dependent. Bypass capacitor to ground.
Place as close as possible to the
PHY.
CDC_BLOCK
System dependent. The USB connector housing may be
AC-coupled to the device ground.
Industry convention is to ground
only the host side of the cable
shield.
RVBUS
Max of 820
Ω in
Host or OTG
applications.
Series resistor to reduce any transient
voltage on the VBUS pin of the
USB3300.
The transient must not be allowed
to exceed the value of VVBUS for
longer than 500
μs
ID
Pin
Okay to leave No Connection (NC)
in device mode.
TABLE 7-2:
CAPACITANCE VALUES AT VBUS OF USB CONNECTOR
MODE
MIN Value
MAX Value
Host
120
μF
Device
1
μF10μF
OTG
1
μF6.5μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com