Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3300 Datasheet(PDF) 36 Page - Microchip Technology

Part # USB3300
Description  Hi-Speed USB Host, Device or OTG PHY
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3300 Datasheet(HTML) 36 Page - Microchip Technology

Back Button USB3300 Datasheet HTML 32Page - Microchip Technology USB3300 Datasheet HTML 33Page - Microchip Technology USB3300 Datasheet HTML 34Page - Microchip Technology USB3300 Datasheet HTML 35Page - Microchip Technology USB3300 Datasheet HTML 36Page - Microchip Technology USB3300 Datasheet HTML 37Page - Microchip Technology USB3300 Datasheet HTML 38Page - Microchip Technology USB3300 Datasheet HTML 39Page - Microchip Technology USB3300 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 53 page
background image
USB3300
DS00001783B-page 36
 2014-2015 Microchip Technology Inc.
The OTG Module can be broken into 4 main blocks; ID Detection, VBUS Control, Driving External Vbus, and External
Vbus Detection. Each of these blocks is covered in the sections below.
6.5.1
ID DETECTION
The USB3300 provides an ID pin to determine the type of USB cable connected. When the Mini-A Plug of a USB cable
is inserted into the Mini-AB connector, the ID pin is shorted to ground. When the Mini-B Plug is inserted into the Mini-
AB connector, the ID pin is allowed to float.
.
The USB3300 provides an integrated pull-up resistor and a comparator to detect if the ID pin is floating or grounded. An
integrated pull-up resistor is provided to pull the ID pin high to VDD3.3 when a Mini-B plug is inserted and the cable is
floating. When a Mini-A plug is connected, the pull-up resistor will be overpowered and the ID pin will be brought to
ground. To save current when a Mini-A Plug is inserted, the ID pull-up resistor can be disabled by clearing the IdPullUp
FIGURE 6-10:
USB3300 ON-THE-GO MODULE
TABLE 6-9:
IDGND VS. USB CABLE TYPE
USB Plug
OTG Role
ID Voltage
IDGND
AHOST
0
0
B
PERIPHERAL
3.3
1
EXTVBUS
CPEN
OTG Module
VBUS
ID
VDD33
RXCMD VbusValid
IndicatorComplement
[UseExternalVbusindicator, IndicatorPassThru]
[0, X]
VbusValid
SessValid
SessEnd
IdPullup
DischrgVbus
DrvVbus
DrvVbusExternal
IdGnd
ChrgVbus
0.5V
1.4V
4.575V
0.6V
[1, 0]
[1, 1]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com