Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3300 Datasheet(PDF) 30 Page - Microchip Technology

Part # USB3300
Description  Hi-Speed USB Host, Device or OTG PHY
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3300 Datasheet(HTML) 30 Page - Microchip Technology

Back Button USB3300 Datasheet HTML 26Page - Microchip Technology USB3300 Datasheet HTML 27Page - Microchip Technology USB3300 Datasheet HTML 28Page - Microchip Technology USB3300 Datasheet HTML 29Page - Microchip Technology USB3300 Datasheet HTML 30Page - Microchip Technology USB3300 Datasheet HTML 31Page - Microchip Technology USB3300 Datasheet HTML 32Page - Microchip Technology USB3300 Datasheet HTML 33Page - Microchip Technology USB3300 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 53 page
background image
USB3300
DS00001783B-page 30
 2014-2015 Microchip Technology Inc.
6.1.9.1
Entering Low Power/Suspend Mode
To enter Low Power Mode, the Link will write a 0 or clear the SuspendM bit in the Function Control Register. Once this
write is complete, the PHY will assert DIR high and after five rising edges of CLKOUT, drive the clock low. Once the
clock is stopped, the PHY will enter a low power state to conserve current.
While in Low Power Mode, the Data interface is redefined so that the Link can monitor Linestate and the Vbus voltage.
In Low Power Mode DATA[3:0] are redefined as shown in Table 6-6, "Interface Signal Mapping During Low Power
Mode". Linestate[1:0] is the combinational output of the full speed receivers. The “int” or interrupt signal indicates an
unmasked interrupt has occurred. When an unmasked interrupt or linestate change has occurred, the Link is notified
and can determine if it should wake-up the PHY.
An unmasked interrupt can be caused by the following comparators changing state, VbusVld, SessVld, SessEnd, and
IdGnd. If any of these signals change state during Low Power Mode and either their rising or falling edge interrupt is
enabled, DATA[3] will assert. During Low Power Mode, the VbusVld and SessEnd comparators can have their interrupts
masked to lower the suspend current. Refer to Section 6.1.9.4, "Minimizing Current in Low Power Mode".
While in Low Power Mode, the Data bus is driven asynchronously because all of the PHY clocks are stopped during
Low Power Mode.
FIGURE 6-8:
ENTERING LOW POWER MODE
TABLE 6-6:
INTERFACE SIGNAL MAPPING DURING LOW POWER MODE
Signal
Maps To
Direction
Description
linestate[0]
DATA[0]
OUT
Combinatorial linestate[0] driven directly by FS analog receiver.
linestate[1]
DATA[1]
OUT
Combinatorial linestate[1] driven directly by FS analog receiver.
reserved
DATA[2]
OUT
Driven Low
int
DATA[3]
OUT
Active high interrupt indication. Must be asserted whenever any
unmasked interrupt occurs.
reserved
DATA[7:4]
OUT
Driven Low
DIR
CLK
DATA[7:0]
STP
NXT
TXD CMD
(reg write)
Idle
Reg Data[n]
Idle
T0
T1
T2
T3
T5
T4
T6
T10
Turn
Around
Low Power Mode
SUSPENDM
(ULPI Register Bit)
...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com