Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3300 Datasheet(PDF) 19 Page - Microchip Technology

Part # USB3300
Description  Hi-Speed USB Host, Device or OTG PHY
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3300 Datasheet(HTML) 19 Page - Microchip Technology

Back Button USB3300 Datasheet HTML 15Page - Microchip Technology USB3300 Datasheet HTML 16Page - Microchip Technology USB3300 Datasheet HTML 17Page - Microchip Technology USB3300 Datasheet HTML 18Page - Microchip Technology USB3300 Datasheet HTML 19Page - Microchip Technology USB3300 Datasheet HTML 20Page - Microchip Technology USB3300 Datasheet HTML 21Page - Microchip Technology USB3300 Datasheet HTML 22Page - Microchip Technology USB3300 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 53 page
background image
 2014-2015 Microchip Technology Inc.
DS00001783B-page 19
USB3300
6.1.3
ULPI INTERFACE TIMING
The control and data timing relationships are given in Figure 6-3, "ULPI Timing Diagram" and Table 6-2, "ULPI Interface
Timing". The USB300 PHY provides CLKOUT and all timing is relative to the rising clock edge. The timing relationships
detailed below apply to Synchronous Mode only.
6.1.4
ULPI REGISTER ARRAY
The USB3300 PHY implements all of the ULPI registers detailed in the ULPI revision 1.1 specification. The complete
USB3300 ULPI register set is shown in Table 6-3, "ULPI Register Map". All registers are 8 bits. This table also includes
the default states of the register upon POR. The RESET bit in the Function Control Register does not reset the bits of
the ULPI register array. The Link should not read or write to any registers not listed in this table.
FIGURE 6-3:
ULPI TIMING DIAGRAM
TABLE 6-2:
ULPI INTERFACE TIMING
Parameter
Symbol
MIN
MAX
Units
Setup time (control in, 8-bit data in)
TSC,TSD
5.0
ns
Hold time (control in, 8-bit data in)
THC, THD
0ns
Output delay (control out, 8-bit data out)
TDC, TDD
2.0
5.0
ns
Note:
VDD3.3 = 3.0 to 3.6V; VSS = 0V; TA = -40C to 85C; unless otherwise specified.
Clock Out -
CLKOUT
Control In -
STP
Data In -
DATA[7:0]
Control Out -
DIR, NXT
Data Out -
DATA[7:0]
T
SC
T
SD
T
HC
T
HD
T
DC
T
DC
T
DD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com