Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3300 Datasheet(PDF) 18 Page - Microchip Technology

Part # USB3300
Description  Hi-Speed USB Host, Device or OTG PHY
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3300 Datasheet(HTML) 18 Page - Microchip Technology

Back Button USB3300 Datasheet HTML 14Page - Microchip Technology USB3300 Datasheet HTML 15Page - Microchip Technology USB3300 Datasheet HTML 16Page - Microchip Technology USB3300 Datasheet HTML 17Page - Microchip Technology USB3300 Datasheet HTML 18Page - Microchip Technology USB3300 Datasheet HTML 19Page - Microchip Technology USB3300 Datasheet HTML 20Page - Microchip Technology USB3300 Datasheet HTML 21Page - Microchip Technology USB3300 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 53 page
background image
USB3300
DS00001783B-page 18
 2014-2015 Microchip Technology Inc.
6.1.2
ULPI INTERFACE SIGNALS
UTMI+ Low Pin Interface (ULPI) uses 12-pins to connect a full OTG Host / Device PHY to an SOC. A reduction of exter-
nal pins on the PHY is accomplished by realizing that many of the relatively static configuration pins (xcvrselect[1:0],
termselect, opmode[1:0], and DpPullDown DmPulldown to list a few,) can be implemented by having a internal static
register array.
An 8-bit bi-directional data bus clocked at 60Mhz allows the Link to access this internal register array and transfer USB
packets to and from the PHY. The remaining 3 pins function to control the data flow and arbitrate the data bus.
Direction of the 8-bit data bus is control by the DIR output from the PHY. Another output NXT is used to control data
flow into and out of the device. Finally, STP, which is in input to the PHY, terminates transfers and is used to start up and
resume from a suspend state.
The 12 signals are described below in Table 6-1, "ULPI Interface Signals".
USB3300 implements a Single Data Rate (SDR) ULPI interface with all data transfers happening on the rising edge of
the CLKOUT. CLKOUT is supplied by the PHY.
The ULPI interface supports the two basic modes of operation, Synchronous Mode and Low Power Mode. Synchronous
Mode with the signals all changing relative to the 60MHz clockout. Low Power Mode where the clock is off in a sus-
pended state and the lower two bits of the data bus contain the linestate[1:0] signals. ULPI adds to Low Power Mode,
an interrupt output which permits the Link to receive an asynchronous interrupt when the OTG comparators, or ID pin
change state.
In Synchronous Mode operation, data is transferred on the rising edge of CLKOUT. Direction of the data bus is deter-
mined by the state of DIR. When DIR is high, the PHY is driving DATA[7:0]. When DIR is low, the Link is driving
DATA[7:0].
Each time DIR changes, a “turn-around” cycle occurs where neither the Link nor PHY drive the data bus for one clock
cycle. During the “turn–around“ cycle, the state of DATA[7:0] is unknown and the PHY will not read the data bus.
Because USB uses a bit-stuffing encoding, some means of allowing the PHY to throttle the USB transmit data is needed.
The ULPI signal NXT is used to request the next byte to be placed on the databus by the Link layer.
TABLE 6-1:
ULPI INTERFACE SIGNALS
Signal
Direction
Description
CLKOUT
OUT
60MHz reference clock output. All ULPI signals are driven synchronous to the rising
edge of this clock.
DATA[7:0]
I/O
8-bit bi-directional data bus. Bus ownership is determined by DIR. The Link and PHY
initiate data transfers by driving a non-zero pattern onto the data bus. ULPI defines
interface timing for a single-edge data transfers with respect to rising edge of
CLKOUT.
DIR
OUT
Controls the direction of the data bus. When the PHY has data to transfer to the
Link, it drives DIR high to take ownership of the bus. When the PHY has no data to
transfer it drives DIR low and monitors the bus for commands from the Link. The
PHY will pull DIR high whenever the interface cannot accept data from the Link,
such as during PLL start-up.
STP
IN
The Link asserts STP for one clock cycle to stop the data stream currently on the
bus. If the Link is sending data to the PHY, STP indicates the last byte of data was
on the bus in the previous cycle.
NXT
OUT
The PHY asserts NXT to throttle the data. When the Link is sending data to the PHY,
NXT indicates when the current byte has been accepted by the PHY. The Link
places the next byte on the data bus in the following clock cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com