Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3300 Datasheet(PDF) 43 Page - Microchip Technology

Part # USB3300
Description  Hi-Speed USB Host, Device or OTG PHY
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3300 Datasheet(HTML) 43 Page - Microchip Technology

Back Button USB3300 Datasheet HTML 39Page - Microchip Technology USB3300 Datasheet HTML 40Page - Microchip Technology USB3300 Datasheet HTML 41Page - Microchip Technology USB3300 Datasheet HTML 42Page - Microchip Technology USB3300 Datasheet HTML 43Page - Microchip Technology USB3300 Datasheet HTML 44Page - Microchip Technology USB3300 Datasheet HTML 45Page - Microchip Technology USB3300 Datasheet HTML 46Page - Microchip Technology USB3300 Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 53 page
background image
 2014-2015 Microchip Technology Inc.
DS00001783B-page 43
USB3300
7.2
Multi-port Applications
To support multiple ports a single USB3300 host can be combined with one of Microchip’s many hub products to expand
the number of ports. Microchip has 2-port, 3-port, 4-port, and 7-port hub designs which can be used to expand the num-
ber of ports in a design.
Using a Microchip hub to expand the number of ports allows a single Link to run several USB devices without a separate
Link to support each USB port. Another advantage of using a Microchip hub is on products where the main board is not
located near the USB ports. The USB3300 can be placed on the main board with the Link ASIC and the hub can be
placed on a separate board next to the USB ports. The only data connection required between the boards is DP and DM.
The CPEN output of the USB3300 is optional and can be used to turn the Hub on or off to lower current when the USB
connection isn’t needed.
7.3
Evaluation Board
An evaluation board, EVB-USB3300, is available for building a prototype system with the USB3300. The evaluation
board provides an industry standard T&MT connector to interface a ULPI Link controller and a Mini-AB connector for
the USB cable. A 500mA fault protected 5V Vbus switch that is controlled by the USB3300 is also included.
7.4
ESD Performance
The USB3300 is protected from ESD strikes. By eliminating the requirement for external ESD protection devices, board
space is conserved, and the board manufacturer is enabled to reduce cost. The advanced ESD structures integrated
into the USB3300 protect the device whether or not it is powered up. When the USB3300 is not powered, the digital I/O
pins are loaded by the ESD structures, and must not be driven by external signals.
7.4.1
HUMAN BODY MODEL (HBM) PERFORMANCE
HBM testing verifies the ability to withstand the ESD strikes like those that occur during handling and manufacturing,
and is done without power applied to the IC. To pass the test, the device must have no change in operation or perfor-
mance due to the event. All pins on the USB3300 provide ±8kV HBM protection.
FIGURE 7-4:
EXPANDING DOWNSTREAM PORTS FOR USB3300 HOST APPLICATIONS
USB3300
DP
DM
CPEN
USBDP0
USBDM0
VBUS_DET
SOC w/
ULPI Link
DP
DM
USB Port 1
USBDP1
USBDN1
DIR
NXT
STP
DATA[7]
DATA[6]
DATA[5]
DATA[4]
DATA[3]
DATA[2]
DATA[1]
DATA[0]
CLOCK
DIR
NXT
STP
DATA[7]
DATA[6]
DATA[5]
DATA[4]
DATA[3]
DATA[2]
DATA[1]
DATA[0]
CLOCK
USB2502
DP
DM
USB Port 2
USBDP2
USBDN2
DP
DM
USB Port 3
USBDP3
USBDN3
DP
DM
USB Port 4
USBDP4
USBDN4
DP
DM
USB Ports 5-7
USBDP5-7
USBDN5-7
USB2507
USB2503
USB2504



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com