Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3300 Datasheet(PDF) 15 Page - Microchip Technology

Part # USB3300
Description  Hi-Speed USB Host, Device or OTG PHY
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3300 Datasheet(HTML) 15 Page - Microchip Technology

Back Button USB3300 Datasheet HTML 11Page - Microchip Technology USB3300 Datasheet HTML 12Page - Microchip Technology USB3300 Datasheet HTML 13Page - Microchip Technology USB3300 Datasheet HTML 14Page - Microchip Technology USB3300 Datasheet HTML 15Page - Microchip Technology USB3300 Datasheet HTML 16Page - Microchip Technology USB3300 Datasheet HTML 17Page - Microchip Technology USB3300 Datasheet HTML 18Page - Microchip Technology USB3300 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 53 page
background image
 2014-2015 Microchip Technology Inc.
DS00001783B-page 15
USB3300
5.1
Piezoelectric Resonator for Internal Oscillator
The internal oscillator may be used with an external quartz crystal or ceramic resonator as described in Section 6.3. See
Table 5-8 for the recommended crystal specifications. See Table 5-1 for the ceramic resonator part number for commer-
cial temperature applications. At this time, the ceramic resonator does not offer sufficient temperature stability to operate
over the industrial temperature range.
Note 5-1
The required bit rate accuracy for Hi-Speed USB applications is ±500 ppm as provided in the USB
2.0 Specification. This takes into account the effect of voltage, temperature, aging, etc.
Note 5-2
0oC for commercial applications, -40oC for industrial applications.
Note 5-3
+70oC for commercial applications, +85oC for industrial applications.
Note 5-4
This number includes the pad, the bond wire and the lead frame. Printed Circuit Board (PCB)
capacitance is not included in this value. The PCB capacitance value and the capacitance value of
the XO and XI pins are required to accurately calculate the value of the two external load capacitors.
Note 5-5
This is a generic part number assigned by Murata. The oscillating frequency is affected by stray
capacitance on the Printed Circuit Board (PCB). Murata will assign the final part number for each
customer’s PCB after characterizing the customer’s PCB design.
TABLE 5-7:
REGULATOR OUTPUT VOLTAGES
Parameter
Symbol
Condition
MIN
TYP
MAX
Units
VDDA1.8
VDDA1.8
Normal Operation
(SuspendM = 1)
1.6
1.8
2.0
V
VDDA1.8
VDDA1.8
Low Power Mode
(SuspendM = 0)
0V
VDD1.8
VDD1.8
1.6
1.8
2.0
V
Note:
VDD3.3 = 3.0 to 3.6V; VSS = 0V; TA = -040C to +85C; unless otherwise specified.
TABLE 5-8:
USB3300 QUARTZ CRYSTAL SPECIFICATIONS
Parameter
Symbol
Condition
MIN
TYP
MAX
Units
Crystal Cut
AT, typ
Crystal Oscillation Mode
Fundamental Mode
Crystal Calibration Mode
Parallel Resonant Mode
Frequency
Ffund
-24-
MHz
Total Allowable PPM Budget
-
-
±500
PPM
Note 5-1
Shunt Capacitance
CO
-7 typ-
pF
Load Capacitance
CL
-
20 typ
-
pF
Drive Level
PW
0.5
-
-
mW
Equivalent Series Resistance
R1
--
30
Ohm
Operating Temperature Range
Note 5-2
-
Note 5-3
oC
USB3300 XI Pin Capacitance
-
3 typ
-
pF
Note 5-4
USB3300 XO Pin Capacitance
-
3 typ
-
pF
Note 5-4
TABLE 5-1:
USB3300 CERAMIC RESONATOR PART NUMBER
Frequency
Murata Part Number
Notes
24 MHz
CSTCE24M0XK1***-R0
Commercial Temp Only, Note 5-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com