Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3300 Datasheet(PDF) 33 Page - Microchip Technology

Part # USB3300
Description  Hi-Speed USB Host, Device or OTG PHY
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3300 Datasheet(HTML) 33 Page - Microchip Technology

Back Button USB3300 Datasheet HTML 29Page - Microchip Technology USB3300 Datasheet HTML 30Page - Microchip Technology USB3300 Datasheet HTML 31Page - Microchip Technology USB3300 Datasheet HTML 32Page - Microchip Technology USB3300 Datasheet HTML 33Page - Microchip Technology USB3300 Datasheet HTML 34Page - Microchip Technology USB3300 Datasheet HTML 35Page - Microchip Technology USB3300 Datasheet HTML 36Page - Microchip Technology USB3300 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 53 page
background image
 2014-2015 Microchip Technology Inc.
DS00001783B-page 33
USB3300
6.1.11
RESET PIN
The reset input of the USB3300 may be asynchronously asserted and de-asserted so long as it is held in the asserted
state continuously for a duration greater than one clkout clock cycle. The reset input may be asserted when the
USB3300 clkout signal is not active (i.e. in the suspend state caused by asserting the SuspendM bit) but reset must only
be de-asserted when the USB3300 clkout signal is active and the reset has been held asserted for a duration greater
than one clkout clock cycle. No other PHY digital input signals may change state for two clkout clock cycles after the de-
assertion of the reset signal.
6.2
Hi-Speed USB Transceiver
The Microchip Hi-Speed USB 2.0 Transceiver consists of four blocks in the lower right corner of Figure 6-1, "Simplified
USB3300 Architecture". These four blocks are labeled HS XCVR, FS/LS XCVR, Resistors, and Bias Gen.
6.2.1
HIGH SPEED AND FULL SPEED TRANSCEIVERS
The USB3300 transceiver meets all requirements in the USB 2.0 specification.
The receivers connect directly to the USB cable. This block contains a separate differential receiver for HS and FS
mode. Depending on the mode, the selected receiver provides the serial data stream through the multiplexer to the RX
Logic block. The FS mode section of the FS/HS RX block also consists of a single-ended receiver on each of the data
lines to determine the correct FS linestate. For HS mode support, the FS/HS RX block contains a squelch circuit to
insure that noise is never interpreted as data.
The transmitters connect directly to the USB cable. The block contains a separate differential FS and HS transmitter
which receive encoded, bit stuffed, serialized data from the TX Logic block and transmit it onto the USB cable.
6.2.2
TERMINATION RESISTORS
The USB3300 transceiver fully integrates all of the USB termination resistors. The USB3300 includes 1.5kΩ pull-up
resistors on both DP and DM and a 15kΩ pull-down resistor on both DP and DM. The 45Ω high speed termination resis-
tors are also integrated. These resistors require no tuning or trimming by the Link. The state of the resistors is deter-
mined by the operating mode of the PHY. The possible valid resistor combinations are shown in Table 6-8, "DP/DM
Termination vs. Signaling Mode". Operation is guaranteed in the configurations given in the table below.
• RPU_DP_EN activates the 1.5kΩ DP pull-up resistor
• RPU_DM_EN activates the 1.5kΩ DM pull-up resistor
• RPD_DP_EN activates the 15kΩ DP pull-down resistor
• RPD_DM_EN activates the 15kΩ DM pull-down resistor
• HSTERM_EN activates the 45Ω DP and DM high speed termination resistors
TABLE 6-8:
DP/DM TERMINATION VS. SIGNALING MODE
Signaling Mode
Register Settings
Resistor Settings
General Settings
Tri-State Drivers
XXb
Xb
01b
Xb
Xb
0b0b0b0b0b
Power-up or Vbus < VSESSEND
01b
0b
00b1b
1b
0b0b1b1b0b
Host Settings
Host Chirp
00b
0b
10b1b
1b
0b0b1b1b1b
Host Hi-Speed
00b
0b
00b1b
1b
0b0b1b1b1b
Host Full Speed
X1b
1b
00b1b
1b
0b0b1b1b0b
Host HS/FS Suspend
01b
1b
00b1b
1b
0b0b1b1b0b
Host HS/FS Resume
01b
1b
10b1b
1b
0b0b1b1b0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com